Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6283C Datasheet (PDF) - Elantec Semiconductor

EL6283C Datasheet PDF - Elantec Semiconductor
Part # EL6283C
Download  EL6283C Download

File Size   41.12 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 3-Channel Laser Diode Driver w/Oscillator & APC Amplifier

EL6283C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6283C Datasheet PDF - Elantec Semiconductor

Part # EL6283C
Download  EL6283C Click to download

File Size   41.12 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 3-Channel Laser Diode Driver w/Oscillator & APC Amplifier

EL6283C Datasheet (HTML) - Elantec Semiconductor

EL6283C Datasheet HTML 1Page - Elantec Semiconductor EL6283C Datasheet HTML 2Page - Elantec Semiconductor

EL6283C Product details

General Description

The EL6283C is a high-performance three channel laser driver that provides controlled current to a grounded laser diode. Write channels 2 and 3 can provide up to 200mA per channel of DC or pulsed current, with switching speeds of approximately one nanosecond rise/fall time. All three channels are summed together at the IOUT output, allowing the user to create multilevel waveforms in order to optimize laser diode performance. The level of the output current is set by an analog voltage applied to an external resistor which converts the voltage into a current at the IIN pin (virtually ground). The current seen at this pin is then amplified to become a current source at pin IOUT.



Features

• Shrink-Small Outline Package

• Voltage-controlled output current source to 200mA per channel, requiring one external set resistor per channel

• Current-controlled output current source to 200mA per channel

• Rise time = 0.8ns

• Fall time = 0.8ns

• On chip oscillator with frequency and amplitude control by use of external resistors to ground

• Oscillator to 500MHz

• Oscillator to 100mA pk/pk

• Single +5V supply (±10%)

• Disable feature for power-up protection and power savings

• Fast Settling APC Amplifier



Applications

• CD-RW applications

• Writable optical drives

• Laser diode current switching




Similar Part No. - EL6283C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6280C ELANTEC-EL6280C Datasheet
136Kb / 2P
   Dual Laser Driver with APC Amp
EL6280CL ELANTEC-EL6280CL Datasheet
136Kb / 2P
   Dual Laser Driver with APC Amp
EL6280CU ELANTEC-EL6280CU Datasheet
136Kb / 2P
   Dual Laser Driver with APC Amp
EL6281 ELANTEC-EL6281 Datasheet
140Kb / 2P
   4-Channel Laser Driver with APC Amp
EL6281C ELANTEC-EL6281C Datasheet
140Kb / 2P
   4-Channel Laser Driver with APC Amp
More results


Similar Description - EL6283C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6244 INTERSIL-EL6244 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245 INTERSIL-EL6245 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Elantec Semiconductor
EL6244C ELANTEC-EL6244C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6173 INTERSIL-EL6173 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Elantec Semiconductor
EL6248C ELANTEC-EL6248C Datasheet
136Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6288C ELANTEC-EL6288C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6258C ELANTEC-EL6258C Datasheet
135Kb / 2P
   3-Channel Laser Driver Oscillator APC Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com