Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT1446 Datasheet (PDF) - ON Semiconductor

SFT1446 Datasheet PDF - ON Semiconductor
Part # SFT1446
Download  SFT1446 Download

File Size   424.06 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Power MOSFET 60V, 20A, 51m, Single TP/TP-FA

SFT1446 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFT1446 Datasheet PDF - ON Semiconductor

Part # SFT1446
Download  SFT1446 Click to download

File Size   424.06 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Power MOSFET 60V, 20A, 51m, Single TP/TP-FA

SFT1446 Datasheet (HTML) - ON Semiconductor

SFT1446 Datasheet HTML 1Page - ON Semiconductor SFT1446 Datasheet HTML 2Page - ON Semiconductor SFT1446 Datasheet HTML 3Page - ON Semiconductor SFT1446 Datasheet HTML 4Page - ON Semiconductor SFT1446 Datasheet HTML 5Page - ON Semiconductor SFT1446 Datasheet HTML 6Page - ON Semiconductor SFT1446 Datasheet HTML 7Page - ON Semiconductor SFT1446 Datasheet HTML 8Page - ON Semiconductor SFT1446 Datasheet HTML 9Page - ON Semiconductor SFT1446 Datasheet HTML 10Page - ON Semiconductor

SFT1446 Product details

Features
• ON-resistance RDS(on)1=39mΩ(typ.)
• Input Capacitance Ciss=750pF(typ.)
• 4V drive
• Halogen free compliance
• Protection diode in




Similar Part No. - SFT1446

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SFT1446 SANYO-SFT1446 Datasheet
345Kb / 4P
   General-Purpose Switching Device Applications
logo
VBsemi Electronics Co.,...
SFT1446-H VBSEMI-SFT1446-H Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
SFT1446-TL-H VBSEMI-SFT1446-TL-H Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results


Similar Description - SFT1446

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1450-TL-H ONSEMI-SFT1450-TL-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1443 ONSEMI-SFT1443 Datasheet
418Kb / 9P
   N-Channel Power MOSFET 100V, 9A, 225m, Single TP/TP-FA
July, 2013
SFT1431-TL-E ONSEMI-SFT1431-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 35V, 11A, 25m, Single TP/TP-FA
July, 2013
SFT1445-TL-H ONSEMI-SFT1445-TL-H Datasheet
420Kb / 9P
   N-Channel Power MOSFET 100V, 17A, 111m, Single TP/TP-FA
July, 2013
SFT1450-H ONSEMI-SFT1450-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1423-TL-E ONSEMI-SFT1423-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 500V, 2A, 4.9, Single TP/TP-FA
July, 2013
SFT1350-TL-H ONSEMI-SFT1350-TL-H Datasheet
417Kb / 9P
   P-Channel Power MOSFET 40V, 19A, 59m, Single TP/TP-FA
July, 2013
SFT1345-H ONSEMI-SFT1345-H Datasheet
387Kb / 9P
   Power MOSFET 100V, 11A, 275m, P-Channel Single TP/TP-FA
April, 2013
SFT1342-TL-E ONSEMI-SFT1342-TL-E Datasheet
411Kb / 9P
   P-Channel Power MOSFET ??0V, ??2A, 62m, Single TP/TP-FA
July, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com