Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5123C Datasheet (PDF) - Elantec Semiconductor

EL5123C Datasheet PDF - Elantec Semiconductor
Part # EL5123C
Download  EL5123C Download

File Size   139.56 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers

EL5123C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5123C Datasheet PDF - Elantec Semiconductor

Part # EL5123C
Download  EL5123C Click to download

File Size   139.56 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers

EL5123C Datasheet (HTML) - Elantec Semiconductor

EL5123C Datasheet HTML 1Page - Elantec Semiconductor EL5123C Datasheet HTML 2Page - Elantec Semiconductor

EL5123C Product details

General Description

The EL5123C, EL5223C, EL5323C, and EL5423C are low power, high voltage rail-to-rail input/output buffers designed primarily for use in reference voltage buffering applications for TFT_LCDs. They are available in quad (EL5123C), octal (EL5223C), 10-channel (EL5323C), and 12-channel (EL5423C) topologies. All buffers feature a -3dB bandwidth of 12MHz and operate from just 600µA per buffer. This family also features fast slewing and settling times, as well as a continuous output drive capability of 30mA (sink and source).



Features

• 12MHz -3dB bandwidth

• Supply voltage = 4.5V to 16.5V

• Low supply current (per buffer) = 600µA

• High slew rate = 15V/µs

• Rail-to-rail input/output swing

• Ultra-small packages



Applications

• TFT-LCD drive circuits

• Electronics notebooks

• Electronic games

• Touch-screen displays

• Personal communication devices

• Personal digital assistants (PDA)

• Portable instrumentation

• Sampling ADC amplifiers

• Wireless LANs

• Office automation

• Active filters

• ADC/DAC buffers



Similar Part No. - EL5123C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5123CY INTERSIL-EL5123CY Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
EL5123CY INTERSIL-EL5123CY Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123CY INTERSIL-EL5123CY Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5123CY RENESAS-EL5123CY Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123CY-T13 INTERSIL-EL5123CY-T13 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
More results


Similar Description - EL5123C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5127C ELANTEC-EL5127C Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com