Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVP-AA002K Datasheet (PDF) - Panasonic Semiconductor

EVP-AA002K Datasheet PDF - Panasonic Semiconductor
Part # EVP-AA002K
Download  EVP-AA002K Download

File Size   79.35 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description External dimensions 3.5 mm2.9 mm, Height 1.7 mm

EVP-AA002K Datasheet (PDF)

Go To PDF Page Download Datasheet
EVP-AA002K Datasheet PDF - Panasonic Semiconductor

Part # EVP-AA002K
Download  EVP-AA002K Click to download

File Size   79.35 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description External dimensions 3.5 mm2.9 mm, Height 1.7 mm

EVP-AA002K Datasheet (HTML) - Panasonic Semiconductor

EVP-AA002K Datasheet HTML 1Page - Panasonic Semiconductor EVP-AA002K Datasheet HTML 2Page - Panasonic Semiconductor EVP-AA002K Datasheet HTML 3Page - Panasonic Semiconductor

EVP-AA002K Product details

■ Features
● External dimensions : 3.5 mmx2.9 mm, Height 1.7 mm
● High operating force available (Operating force : 5.0 N max.)
● Optional ground terminal

■ Recommended Applications
● Operation switches for portable electronic equipment (Mobile phones, Digital still cameras, etc.)
● Operating switches for keyless entry systems




Similar Part No. - EVP-AA002K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVP-AA102K PANASONIC-EVP-AA102K Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
EVP-AA302K PANASONIC-EVP-AA302K Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
EVP-AA502W PANASONIC-EVP-AA502W Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
EVP-AA702W PANASONIC-EVP-AA702W Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
EVP-AA902Q PANASONIC-EVP-AA902Q Datasheet
78Kb / 4P
   3.5 mm2.9 mm SMD Light Touch Switches
More results






About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com