Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4272-DZZ Datasheet (PDF) - Cirrus Logic

CS4272-DZZ Datasheet PDF - Cirrus Logic
Part # CS4272-DZZ
Download  CS4272-DZZ Download
File Size   1248.02 Kbytes
Page   53 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 192 kHz Stereo Audio CODEC

CS4272-DZZ Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4272-DZZ Datasheet PDF - Cirrus Logic

Part # CS4272-DZZ
Download  CS4272-DZZ Click to download

File Size   1248.02 Kbytes
Page   53 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 192 kHz Stereo Audio CODEC

CS4272-DZZ Datasheet (HTML) - Cirrus Logic


CS4272-DZZ Product details

General Description

The CS4272 is a high-performance, integrated audio CODEC. The CS4272 performs stereo analog-to-digital (A/D) and digital-to-analog (D/A) conversion of up to 24-bit serial values at sample rates up to 192 kHz.

The D/A offers a volume control that operates with a 1 dB step size. It incorporates selectable soft ramp and zero crossing transition functions to eliminate clicks and pops.

The D/A’s integrated digital mixing functions allow a variety of output configurations ranging from a channel swap to a stereo-to-mono downmix.

Standard 50/15 µs de-emphasis is available for sampling rates of 32, 44.1, and 48 kHz for compatibility with digital audio programs mastered using the 50/15 µs pre-emphasis technique.



D/A Features

• High Performance

   – 114 dB Dynamic Range

   – -100 dB THD+N

• Up to 192 kHz Sampling Rates

• Differential Analog Architecture

• Volume Control with Soft Ramp

   – 1 dB Step Size

   – Zero Crossing Click-free Transitions

• Selectable Digital Filters

   – Fast and Slow Roll Off

• ATAPI Mixing Functions

• Selectable Serial Audio Interface Formats

   – Left Justified up to 24-bit

   – I2S up to 24-bit

   – Right Justified 16-, 18-, 20-, and 24-Bit

• Control Output for External Muting

• Selectable 50/15 µs De-emphasis



A/D Features

• High Performance

   – 114 dB Dynamic Range

   – -100 dB THD+N

• Up to 192 kHz Sampling Rates

• Differential Analog Architecture

• Multi-bit Delta Sigma Conversion

• High-pass Filter or DC Offset Calibration

• Low-Latency Digital Anti-alias Filtering

• Automatic Dithering of 16-bit Data

• Selectable Serial Audio Interface Formats

   – Left Justified up to 24-bit

   – I2S up to 24-bit

  

System Features

• Direct Interface with 5V to 2.5V Logic Levels

• Internal Digital Loopback

• On-chip Oscillator

• Stand-Alone or Control Port Functionality



 




Similar Part No. - CS4272-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
More results


Similar Description - CS4272-DZZ

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com