Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB460 Datasheet (PDF) - OPTEK Technologies

OPB460 Datasheet PDF - OPTEK Technologies
Part # OPB460
Download  OPB460 Download

File Size   264.66 Kbytes
Page   7 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Choice of pins or wires mounting configuration

OPB460 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB460 Datasheet PDF - OPTEK Technologies

Part # OPB460
Download  OPB460 Click to download

File Size   264.66 Kbytes
Page   7 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Choice of pins or wires mounting configuration

OPB460 Datasheet (HTML) - OPTEK Technologies

OPB460 Datasheet HTML 1Page - OPTEK Technologies OPB460 Datasheet HTML 2Page - OPTEK Technologies OPB460 Datasheet HTML 3Page - OPTEK Technologies OPB460 Datasheet HTML 4Page - OPTEK Technologies OPB460 Datasheet HTML 5Page - OPTEK Technologies OPB460 Datasheet HTML 6Page - OPTEK Technologies OPB460 Datasheet HTML 7Page - OPTEK Technologies

OPB460 Product details

Description:
The OPB460, OPB470, OPB480 and OPB490 series of Photologic® photo integrated circuit switches provide optimum flexibility for the design engineer. Building from a standard housing with a 0.125” (3.180 mm) wide slot, a user can specify the type and polarity of TTL output, discrete shell material, aperture width and choice of mounting configurations. OPB460 through OPB473 have 0.425” (10.795 mm) PCBoard leads with 0.320” (8.1 mm) spacing. OPB480 through OPB493 have 24” (609 mm) 26 AWG wires (UL approved wires).
All devices in this series exhibit performance over supply voltages ranging from 4.5 V to 16.0 V, and may be specified as buffered or inverted with 10 kW Pull-up or Open Collector output. Devices are also TTI/LSTTL compatible and can drive up to 10 TTL loads.

Features:
• Choice of pins or wires mounting configuration
• Choice of aperture
• Choice of output configuration
• Choice of opaque or IR transmissive shell material
• Data rates to 250 kBaud
• Low power consumption

Applications:
• Mechanical switch replacement
• Speed indication (tachometer)
• Mechanical limit indication
• Edge sensing




Similar Part No. - OPB460

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB460 OPTEK-OPB460 Datasheet
203Kb / 4P
   Photologic Slotted Optical Switches
logo
TT Electronics.
OPB460 TTELEC-OPB460 Datasheet
1Mb / 8P
   Slotted Optical
OPB46060L11Z TTELEC-OPB46060L11Z Datasheet
1Mb / 8P
   Slotted Optical
OPB46060N11Z TTELEC-OPB46060N11Z Datasheet
1Mb / 8P
   Slotted Optical
OPB46060P11Z TTELEC-OPB46060P11Z Datasheet
1Mb / 8P
   Slotted Optical
More results


Similar Description - OPB460

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
   Choice of phototransistor or photodarlington
logo
Honeywell Accelerometer...
HOA0708-001 HONEYWELL-ACC-HOA0708-001 Datasheet
441Kb / 4P
   Choice of phototransistor or photodarlington
logo
OPTEK Technologies
OPB880T51Z OPTEK-OPB880T51Z Datasheet
319Kb / 11P
   Choice of opaque or IR transmissive shell material
OPB375N51 OPTEK-OPB375N51 Datasheet
479Kb / 10P
   Choice of opaque or IR transmissive shell material
logo
Honeywell Solid State E...
111SM1-T HONEYWELL-111SM1-T Datasheet
54Kb / 1P
   MOUNTING HOLES WILL ACCEPT PINS OR SCREWS OF 087 MAX, DIA ON 375CENTERS
logo
PHOENIX CONTACT
2907596 PHOENIX-2907596 Datasheet
72Kb / 4P
   Choice of four cover sizes in transparent or color versions
logo
Grayhill, Inc
30-102 GRAYHILL-30-102 Datasheet
91Kb / 1P
   Convenient Snap-in Panel Mounting Choice of 6 Button Colors
logo
PHOENIX CONTACT
2943288 PHOENIX-2943288 Datasheet
70Kb / 4P
   Choice of four cover sizes in transparent or color versions
logo
Honeywell Accelerometer...
15HM5 HONEYWELL-ACC-15HM5 Datasheet
58Kb / 1P
   MOUNTING HOLES WILL ACCEPT PINS OR SCREWS OF 087 MAX DIA ON 375 002 CENTERS
logo
Vishay Siliconix
TLHG420 VISHAY-TLHG420 Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com