Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SPW321 Datasheet (PDF) - Omron Electronics LLC

EE-SPW321 Datasheet PDF - Omron Electronics LLC
Part # EE-SPW321
Download  EE-SPW321 Download

File Size   206.73 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Compact, Thin-profile Photomicrosensor with special amplifier

EE-SPW321 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE-SPW321 Datasheet PDF - Omron Electronics LLC

Part # EE-SPW321
Download  EE-SPW321 Click to download

File Size   206.73 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Compact, Thin-profile Photomicrosensor with special amplifier

EE-SPW321 Datasheet (HTML) - Omron Electronics LLC

EE-SPW321 Datasheet HTML 1Page - Omron Electronics LLC EE-SPW321 Datasheet HTML 2Page - Omron Electronics LLC EE-SPW321 Datasheet HTML 3Page - Omron Electronics LLC EE-SPW321 Datasheet HTML 4Page - Omron Electronics LLC

EE-SPW321 Product details

Compact, Thin-profile Photomicrosensor with special amplifier.

• Slim amplifier (50 × 7.5 × 12 mm) can be handled like a cable.
• Provided with two operation indicators, enabling monitoring from the
   amplifier housing and sensor head.
• Simple wiring with a 3-conductor cable.
• Wide operating voltage range: 12 to 24 VDC




Similar Part No. - EE-SPW321

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
EE-SPX301 OMRON-EE-SPX301 Datasheet
675Kb / 7P
   Photomicrosensor with light modulation is not influenced by external light.
EE-SPX301 OMRON-EE-SPX301 Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
EE-SPX301 OMRON-EE-SPX301 Datasheet
675Kb / 7P
   Slot-type Reflective Photomicrosensor
2012.8
EE-SPX302-W2A OMRON-EE-SPX302-W2A Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
More results


Similar Description - EE-SPW321

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
   Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
logo
Kyocera Kinseki Corpota...
CX-5F KSS-CX-5F Datasheet
166Kb / 1P
   Compact, thin. (11.8횞5.5횞2.5mm)
logo
Omron Electronics LLC
EE-SX95 OMRON-EE-SX95 Datasheet
1Mb / 8P
   Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
2013-2015
logo
Rohm
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
   Thin, ultra-compact package
logo
Omron Electronics LLC
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
   Photomicrosensor
logo
Rohm
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
   Ultra compact, thin size
logo
Sharp Corporation
GP2L20L SHARP-GP2L20L Datasheet
48Kb / 4P
   Compact, Thin Type Photointerrupter
logo
Rohm
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
logo
Sharp Corporation
GP1S561 SHARP-GP1S561 Datasheet
55Kb / 4P
   Compact and Thin Photointerrupter
GP2L23L SHARP-GP2L23L Datasheet
45Kb / 4P
   Compact, Thin Type Photointerrupter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com