Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

835-IF145.0M-C Datasheet (PDF) - Oscilent Corporation

835-IF145.0M-C Datasheet PDF - Oscilent Corporation
Part # 835-IF145.0M-C
Download  835-IF145.0M-C Download

File Size   221.99 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 145.00MHz IF SAW Filter 9.20 MHz Bandwidth

835-IF145.0M-C Datasheet (PDF)

Go To PDF Page Download Datasheet
835-IF145.0M-C Datasheet PDF - Oscilent Corporation

Part # 835-IF145.0M-C
Download  835-IF145.0M-C Click to download

File Size   221.99 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 145.00MHz IF SAW Filter 9.20 MHz Bandwidth

835-IF145.0M-C Datasheet (HTML) - Oscilent Corporation

835-IF145.0M-C Datasheet HTML 1Page - Oscilent Corporation 835-IF145.0M-C Datasheet HTML 2Page - Oscilent Corporation 835-IF145.0M-C Datasheet HTML 3Page - Oscilent Corporation 835-IF145.0M-C Datasheet HTML 4Page - Oscilent Corporation 835-IF145.0M-C Datasheet HTML 5Page - Oscilent Corporation 835-IF145.0M-C Datasheet HTML 6Page - Oscilent Corporation



Similar Part No. - 835-IF145.0M-C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF145.0M-10B OSCILENT-835-IF145.0M-10B Datasheet
216Kb / 6P
   145.00MHz IF SAW Filter 9.18 MHz Bandwidth
835-IF145.0M-D OSCILENT-835-IF145.0M-D Datasheet
218Kb / 6P
   145.00MHz IF SAW Filter 9.24 MHz Bandwidth
More results


Similar Description - 835-IF145.0M-C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF145.0M-D OSCILENT-835-IF145.0M-D Datasheet
218Kb / 6P
   145.00MHz IF SAW Filter 9.24 MHz Bandwidth
835-IF145.0M-10B OSCILENT-835-IF145.0M-10B Datasheet
216Kb / 6P
   145.00MHz IF SAW Filter 9.18 MHz Bandwidth
logo
Transko Electronics, In...
TL3007S TRANSKO-TL3007S Datasheet
452Kb / 3P
   300.00 MHz IF SAW Filter / 9.20 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Oscilent Corporation
813-IF70.0M-14D OSCILENT-813-IF70.0M-14D Datasheet
217Kb / 6P
   70.0 MHz IF SAW Filter 14.90 MHz Bandwidth
813-IF70.0M-19A OSCILENT-813-IF70.0M-19A Datasheet
208Kb / 6P
   70.0 MHz IF SAW Filter 19.83 MHz Bandwidth
820-IF120.0M-15A OSCILENT-820-IF120.0M-15A Datasheet
229Kb / 6P
   120.0 MHz IF SAW Filter 15.48 MHz Bandwidth
820-IF260.0M-29A OSCILENT-820-IF260.0M-29A Datasheet
227Kb / 6P
   260.0 MHz IF SAW Filter 29.61 MHz Bandwidth
820-IF260.0M-30A OSCILENT-820-IF260.0M-30A Datasheet
229Kb / 6P
   260.0 MHz IF SAW Filter 30.21 MHz Bandwidth
821-IF45.0M-10A OSCILENT-821-IF45.0M-10A Datasheet
222Kb / 6P
   45.0 MHz IF SAW Filter 10.0 MHz Bandwidth
821-IF75.0M-30A OSCILENT-821-IF75.0M-30A Datasheet
499Kb / 6P
   75.0 MHz IF SAW Filter 29.97 MHz Bandwidth
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com