Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7005-B-FM1 Datasheet (PDF) - Silicon Laboratories

SI7005-B-FM1 Datasheet PDF - Silicon Laboratories
Part # SI7005-B-FM1
Download  SI7005-B-FM1 Download

File Size   340.42 Kbytes
Page   41 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR

SI7005-B-FM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI7005-B-FM1 Datasheet PDF - Silicon Laboratories

Part # SI7005-B-FM1
Download  SI7005-B-FM1 Click to download

File Size   340.42 Kbytes
Page   41 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR

SI7005-B-FM1 Datasheet (HTML) - Silicon Laboratories

Back Button SI7005-B-FM1 Datasheet HTML 1Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 2Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 3Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 4Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 5Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 6Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 7Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 8Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 9Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 10Page - Silicon Laboratories Next Button 

SI7005-B-FM1 Product details

Description
The Si7005 is a digital relative humidity and temperature sensor. This monolithic CMOS IC integrates temperature and humidity sensor elements, an analog-to-digital converter, signal processing, calibration data, and an I2C host interface. The patented use of industry-standard, low-K polymeric dielectrics for sensing humidity enables the construction of a low-power, monolithic CMOS sensor IC with low drift and hysteresis and excellent long term stability.

Features
■ Relative Humidity Sensor
   •± 4.5% RH (maximum @ 0–80% RH)
■ Temperature Sensor
   •±0.5 ºC accuracy (typical)
   •±1 ºC accuracy (maximum @ 0 to 70 °C)
■ 0 to 100% RH operating range
■ –40 to +85 °C (GM) or 0 to +70 °C operating range (FM)
■ Wide operating voltage range (2.1 to 3.6 V)
■ Low Power Consumption
   •240 µA during RH conversion
■ I2C host interface
■ Integrated on-chip heater
■ 4x4 mm QFN package
■ Excellent long term stability
■ Factory calibrated
■ Optional factory-installed cover
   •Low-profile
   •Protection during reflow
   •Excludes liquids and particulates (hydrophobic/oleophobic)

Applications
■ Industrial HVAC/R
■ Thermostats/humidistats
■ Respiratory therapy
■ White goods
■ Micro-environments/data centers
■ Automotive climate control and de-fogging
■ Asset and goods tracking




Similar Part No. - SI7005-B-FM1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si7005-B-FM1 SILABS-Si7005-B-FM1 Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Similar Description - SI7005-B-FM1

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
   I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
   Digital Temperature and Humidity Sensor
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
   Digital Humidity and Temperature Sensor
logo
List of Unclassifed Man...
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
   Digital Temperature and Humidity Sensor
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
SI7015-A20 SILABS-SI7015-A20 Datasheet
498Kb / 39P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com