Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMXD0512UC Datasheet (PDF) - Murata Manufacturing Co., Ltd.

NMXD0512UC Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # NMXD0512UC
Download  NMXD0512UC Download

File Size   176.03 Kbytes
Page   3 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 5W Single & Dual Output DC/DC Converters

NMXD0512UC Datasheet (PDF)

Go To PDF Page Download Datasheet
NMXD0512UC Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # NMXD0512UC
Download  NMXD0512UC Click to download

File Size   176.03 Kbytes
Page   3 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 5W Single & Dual Output DC/DC Converters

NMXD0512UC Datasheet (HTML) - Murata Manufacturing Co., Ltd.

NMXD0512UC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMXD0512UC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMXD0512UC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.



Similar Part No. - NMXD0512UC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMXD0515SOC MURATA-NMXD0515SOC Datasheet
179Kb / 3P
   Isolated 5W Regulated Single & Dual Output DC/DC Converters
More results


Similar Description - NMXD0512UC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMXD0515SOC MURATA-NMXD0515SOC Datasheet
179Kb / 3P
   Isolated 5W Regulated Single & Dual Output DC/DC Converters
logo
SL Power Electronics
DC1-5_DD SLPOWER-DC1-5_DD Datasheet
351Kb / 3P
   5W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
I500ERW MPD-I500ERW Datasheet
178Kb / 2P
   Ultra-Miniature 5W Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
5QA-XMD MICRODC-5QA-XMD Datasheet
398Kb / 3P
   Isolated 1.25W Dual&Single Output DC-DC Converters
H-XS-1W MICRODC-H-XS-1W Datasheet
857Kb / 4P
   Isolated 1W Single&Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
   2W Isolated Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
A500RHI MPD-A500RHI Datasheet
834Kb / 2P
   Very High Isolation, 5W Single & Dual Output DC/DC Converters
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com