Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26N50 Datasheet (PDF) - Unisonic Technologies

26N50 Datasheet PDF - Unisonic Technologies
Part # 26N50
Download  26N50 Download

File Size   187.53 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 26A, 500V N-CHANNEL POWER MOSFET

26N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
26N50 Datasheet PDF - Unisonic Technologies

Part # 26N50
Download  26N50 Click to download

File Size   187.53 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 26A, 500V N-CHANNEL POWER MOSFET

26N50 Datasheet (HTML) - Unisonic Technologies

26N50 Datasheet HTML 1Page - Unisonic Technologies 26N50 Datasheet HTML 2Page - Unisonic Technologies 26N50 Datasheet HTML 3Page - Unisonic Technologies 26N50 Datasheet HTML 4Page - Unisonic Technologies 26N50 Datasheet HTML 5Page - Unisonic Technologies 26N50 Datasheet HTML 6Page - Unisonic Technologies

26N50 Product details

DESCRIPTION

The UTC26N50 is an N-channel mode power MOSFET using UTC’s advanced technology to provide customers with planar stripe and DMOS technology. This technology allows a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode. The UTC26N50 is generally applied in high efficiency switch mode power supplies, active power factor correction and electronic lamp ballasts based on half bridge topology.



FEATURES

* RDS(ON)=0.24Ω@ VGS=10V

* High Switching Speed

* 100% Avalanche Tested




Similar Part No. - 26N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
26N90 IXYS-26N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
logo
Semikron International
26NABI066V3 SEMIKRON-26NABI066V3 Datasheet
1Mb / 6P
   Three-phase bridge rectifier
logo
STMicroelectronics
26NM60N STMICROELECTRONICS-26NM60N Datasheet
697Kb / 14P
   N-channel 600 V, 0.160 廓, 19 A PowerFLAT??8x8 HV ultra low gate charge MDmesh??II Power MOSFET
More results


Similar Description - 26N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
25N40 UTC-25N40 Datasheet
182Kb / 6P
   400V, 26A N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STW26NM50 STMICROELECTRONICS-STW26NM50 Datasheet
234Kb / 9P
   N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
   500V N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com