Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH52256C-70LL Datasheet (PDF) - Sharp Corporation

LH52256C-70LL Datasheet PDF - Sharp Corporation
Part # LH52256C-70LL
Download  LH52256C-70LL Download

File Size   109.35 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 32,768 쨈 8 bit organization

LH52256C-70LL Datasheet (PDF)

Go To PDF Page Download Datasheet
LH52256C-70LL Datasheet PDF - Sharp Corporation

Part # LH52256C-70LL
Download  LH52256C-70LL Click to download

File Size   109.35 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 32,768 쨈 8 bit organization

LH52256C-70LL Datasheet (HTML) - Sharp Corporation

Back Button LH52256C-70LL Datasheet HTML 1Page - Sharp Corporation LH52256C-70LL Datasheet HTML 2Page - Sharp Corporation LH52256C-70LL Datasheet HTML 3Page - Sharp Corporation LH52256C-70LL Datasheet HTML 4Page - Sharp Corporation LH52256C-70LL Datasheet HTML 5Page - Sharp Corporation LH52256C-70LL Datasheet HTML 6Page - Sharp Corporation LH52256C-70LL Datasheet HTML 7Page - Sharp Corporation LH52256C-70LL Datasheet HTML 8Page - Sharp Corporation LH52256C-70LL Datasheet HTML 9Page - Sharp Corporation LH52256C-70LL Datasheet HTML 10Page - Sharp Corporation Next Button 

LH52256C-70LL Product details

DESCRIPTION
The LH52256C is a Static RAM organized as 32,768 × 8 bits which provides low-power standby mode. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 32,768 × 8 bit organization
• Access time: 70 ns (MAX.)
• Supply current:
   Operating: 45 mA (MAX.)
      10 mA (MAX.) (tRC, tWC = 1 µs)
   Standby: 40 µA (MAX.)
• Data retention current: 1.0 µA (MAX.)
   (VCCDR = 3 V, TA = 25°C)
• Wide operating voltage range: 4.5 V ± 5.5 V
• Operating temperature:
   Commerical temperature 0°C to +70°C
   Industrial temperature -40° to +85°C
• Fully-static operation
• Three-state outputs
• Not designed or rated as radiation hardened
• Package:
   28-pin, 600-mil DIP
   28-pin, 450-mil SOP
   28-pin, 300-mil SK-DIP
   28-pin, 8 × 3 mm2 TSOP (Type I)
• N-type bulk silicon




Similar Part No. - LH52256C-70LL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH52256C-10LL SHARP-LH52256C-10LL Datasheet
727Kb / 16P
   256K SRAM
More results


Similar Description - LH52256C-70LL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V256 HITACHI-HM62V256 Datasheet
111Kb / 14P
   32,768-word 쨈 8-bit Low Voltage Operation CMOS Static RAM
logo
Toshiba Semiconductor
TC55V328BJ TOSHIBA-TC55V328BJ Datasheet
357Kb / 9P
   32,768 WORD-8 BIT STATIC RAM
TC55257DPL TOSHIBA-TC55257DPL Datasheet
504Kb / 13P
   32,768 WORD-8 BIT STATIC RAM
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
   32,768 WORD x 8 BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257DPL-55V TOSHIBA-TC55257DPL-55V Datasheet
496Kb / 13P
   32,768-WORD BY 8-BIT STATIC RAM
logo
NEC
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
   32,768 X 8-BIT STATIC CMOS RAM
logo
Toshiba Semiconductor
TC55257CPL TOSHIBA-TC55257CPL Datasheet
393Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com