Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12N25 Datasheet (PDF) - Unisonic Technologies

12N25 Datasheet PDF - Unisonic Technologies
Part # 12N25
Download  12N25 Download

File Size   194.75 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 12A, 250V N-CHANNEL POWER MOSFET

12N25 Datasheet (PDF)

Go To PDF Page Download Datasheet
12N25 Datasheet PDF - Unisonic Technologies

Part # 12N25
Download  12N25 Click to download

File Size   194.75 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 12A, 250V N-CHANNEL POWER MOSFET

12N25 Datasheet (HTML) - Unisonic Technologies

12N25 Datasheet HTML 1Page - Unisonic Technologies 12N25 Datasheet HTML 2Page - Unisonic Technologies 12N25 Datasheet HTML 3Page - Unisonic Technologies 12N25 Datasheet HTML 4Page - Unisonic Technologies 12N25 Datasheet HTML 5Page - Unisonic Technologies



Similar Part No. - 12N25

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N25V UTC-12N25V Datasheet
204Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
12N25VG-TA3-T UTC-12N25VG-TA3-T Datasheet
204Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
12N25VL-TA3-T UTC-12N25VL-TA3-T Datasheet
204Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
More results


Similar Description - 12N25

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N25V UTC-12N25V Datasheet
204Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
logo
Rohm
RCJ120N25 ROHM-RCJ120N25 Datasheet
726Kb / 14P
   Nch 250V 12A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM600N25E TSC-TSM600N25E Datasheet
456Kb / 7P
   250V N-Channel Power MOSFET
logo
Intersil Corporation
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
   12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Unisonic Technologies
12N65 UTC-12N65 Datasheet
374Kb / 7P
   12A, 650V N-CHANNEL POWER MOSFET
UT3055 UTC-UT3055 Datasheet
158Kb / 2P
   12A, 25V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N65 HSMC-H12N65 Datasheet
206Kb / 6P
   N-Channel Power MOSFET (650V,12A)
logo
Unisonic Technologies
12N60 UTC-12N60_12 Datasheet
371Kb / 7P
   12A, 600V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N60 HSMC-H12N60 Datasheet
156Kb / 4P
   N-Channel Power MOSFET (600V,12A)
logo
Unisonic Technologies
12N06Z UTC-12N06Z Datasheet
194Kb / 3P
   12A, 60V N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com