Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1274568-2 Datasheet (PDF) - Tyco Electronics

1274568-2 Datasheet PDF - Tyco Electronics
Part # 1274568-2
Download  1274568-2 Download

File Size   275.43 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Mini BNC Connectors, 75 Ohm

1274568-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
1274568-2 Datasheet PDF - Tyco Electronics

Part # 1274568-2
Download  1274568-2 Click to download

File Size   275.43 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Mini BNC Connectors, 75 Ohm

1274568-2 Datasheet (HTML) - Tyco Electronics

1274568-2 Datasheet HTML 1Page - Tyco Electronics 1274568-2 Datasheet HTML 2Page - Tyco Electronics 1274568-2 Datasheet HTML 3Page - Tyco Electronics 1274568-2 Datasheet HTML 4Page - Tyco Electronics



Similar Part No. - 1274568-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1274 ETC-1274 Datasheet
105Kb / 1P
   Heyco짰 Original Strain Relief Bushings
logo
Alpha Wire
1274 ALPHAWIRE-1274 Datasheet
98Kb / 4P
   Customer Specification
8/30/2022
1274 ALPHAWIRE-1274 Datasheet
97Kb / 4P
   Customer SpecificationS
12/2/2022
logo
Heyco.
1274 HEYCO-1274 Datasheet
104Kb / 1P
   Original Strain Relief Bushings
logo
Festo Corporation.
12740 FESTO-12740 Datasheet
82Kb / 1P
   Pneumatic muffler
More results


Similar Description - 1274568-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
logo
Pasternack Enterprises,...
PE34703 PASTERNACK-PE34703 Datasheet
392Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703LF PASTERNACK-PE34703LF Datasheet
398Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703-36 PASTERNACK-PE34703-36 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-48 PASTERNACK-PE34703-48 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-24 PASTERNACK-PE34703LF-24 Datasheet
399Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-48 PASTERNACK-PE34703LF-48 Datasheet
400Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-12 PASTERNACK-PE34703-12 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-24 PASTERNACK-PE34703-24 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com