Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMOZ11V Datasheet (PDF) - Central Semiconductor Corp

CMOZ11V Datasheet PDF - Central Semiconductor Corp
Part # CMOZ11V
Download  CMOZ11V Download

File Size   97.68 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE

CMOZ11V Datasheet (PDF)

Go To PDF Page Download Datasheet
CMOZ11V Datasheet PDF - Central Semiconductor Corp

Part # CMOZ11V
Download  CMOZ11V Click to download

File Size   97.68 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE

CMOZ11V Datasheet (HTML) - Central Semiconductor Corp

CMOZ11V Datasheet HTML 1Page - Central Semiconductor Corp CMOZ11V Datasheet HTML 2Page - Central Semiconductor Corp

CMOZ11V Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMOZ2V4 Series Zener Diode is a high quality voltage regulator in an epoxy-molded ULTRAmini™ package, designed for applications requiring low leakage.

MARKING CODE: SEE MARKING CODE ON ELECTRICAL CHARACTERISTICS TABLE




Similar Part No. - CMOZ11V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ11V CENTRAL-CMOZ11V Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ11V CENTRAL-CMOZ11V Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMOZ11VC CENTRAL-CMOZ11VC Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMOZ11VC CENTRAL-CMOZ11VC Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results


Similar Description - CMOZ11V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
   ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
   350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
CMOZ2V4C CENTRAL-CMOZ2V4C Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMPZDA3V6 CENTRAL-CMPZDA3V6 Datasheet
103Kb / 2P
   DUAL ZENER DIODE 3.6 VOLTS THRU 33 VOLTS 350mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com