Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV400CBXEC55Q Datasheet (PDF) - Macronix International

MX29LV400CBXEC55Q Datasheet PDF - Macronix International
Part # MX29LV400CBXEC55Q
Download  MX29LV400CBXEC55Q Download

File Size   3301.43 Kbytes
Page   76 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description SINGLE VOLTAGE 3V ONLY FLASH MEMORY

MX29LV400CBXEC55Q Datasheet (PDF)

Go To PDF Page Download Datasheet
MX29LV400CBXEC55Q Datasheet PDF - Macronix International

Part # MX29LV400CBXEC55Q
Download  MX29LV400CBXEC55Q Click to download

File Size   3301.43 Kbytes
Page   76 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description SINGLE VOLTAGE 3V ONLY FLASH MEMORY

MX29LV400CBXEC55Q Datasheet (HTML) - Macronix International

Back Button MX29LV400CBXEC55Q Datasheet HTML 1Page - Macronix International MX29LV400CBXEC55Q Datasheet HTML 2Page - Macronix International MX29LV400CBXEC55Q Datasheet HTML 3Page - Macronix International MX29LV400CBXEC55Q Datasheet HTML 4Page - Macronix International MX29LV400CBXEC55Q Datasheet HTML 5Page - Macronix International MX29LV400CBXEC55Q Datasheet HTML 6Page - Macronix International MX29LV400CBXEC55Q Datasheet HTML 7Page - Macronix International MX29LV400CBXEC55Q Datasheet HTML 8Page - Macronix International MX29LV400CBXEC55Q Datasheet HTML 9Page - Macronix International MX29LV400CBXEC55Q Datasheet HTML 10Page - Macronix International Next Button 

MX29LV400CBXEC55Q Product details

The MX29LV160C T/B product family has been discontinued. The MX29LV160C T/B product family is not recommended for new designs. The MX29LV160D T/B family is the recommended replacement. Please refer to MX29LV160D T/B datasheet for full specifications and ordering information, or contact your local sales representative for additional support



FEATURES

GENERAL FEATURES

• Byte/Word mode switchable:

   - 524,288 x8 / 262,144 x16 (MX29LV400C)

   - 1,048,576 x8 / 524,288 x16 (MX29LV800C)

   - 2,097,152 x8 / 1,048,576 x16 (MX29LV160C)

• Sector Structure

   - 16K-Byte x 1, 8K-Byte x 2, 32K-Byte x 1 64K-Byte x 7 (MX29LV400C), 64K-Byte x 15 (MX29LV800C), 64K-Byte x 31 (MX29LV160C)

   - Provides sector protect function to prevent program or erase operation in the protected sector

   - Provides chip unprotect function to allow code changing

   - Provides temporary sector unprotect function for code changing in previously protected sector

• Single Power Supply Operation

   - 2.7 to 3.6 volt for read, erase, and program operations

• Latch-up protected to 250mA from -1V to Vcc + 1V

• Low Vcc write inhibit : Vcc ≤ 1.4V

• Compatible with JEDEC standard

   - Pinout and software compatible to single power supply Flash

• Functional compatible with MX29LV400B/MX29LV800B/MX29LV160B device



PERFORMANCE

• High Performance

   - Fast access time: 45R (MX29LV400C and MX29LV800C only), 55R/70/90ns

   - Fast program time: 7us/word typical utilizing accelerate function

   - Fast erase time: 0.7s/sector, 15s/chip (typical, MX29LV160C)

• Low Power Consumption

   - Low active read current: 10mA (typical) at 5MHz

   - Low standby current: 200nA (typical)

• Minimum 100,000 erase/program cycle

• 20 years data retention



SOFTWARE FEATURES

• Erase Suspend/ Erase Resume

   - Suspends sector erase operation to read data from or program data to another sector which is not being erased

• Status Reply

   - Data# Polling & Toggle bits provide detection of program and erase operation completion

• Support Common Flash Interface (CFI)



HARDWARE FEATURES

• Ready/Busy# (RY/BY#) Output

   - Provides a hardware method of detecting program and erase operation completion

• Hardware Reset (RESET#) Input

   - Provides a hardware method to reset the internal state machine to read mode



PACKAGE

• 44-Pin SOP

• 48-Pin TSOP

• 48-Ball TFBGA

• 48-Ball LFBGA

• 48-Ball WFBGA

• 48-Ball XFLGA

• All devices are RoHS Compliant



 




Similar Part No. - MX29LV400CBXEC55Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400CBXEC-55Q MCNIX-MX29LV400CBXEC-55Q Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CBXEC-55R MCNIX-MX29LV400CBXEC-55R Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CBXEC-70 MCNIX-MX29LV400CBXEC-70 Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CBXEC-70G MCNIX-MX29LV400CBXEC-70G Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CBXEC-90 MCNIX-MX29LV400CBXEC-90 Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Similar Description - MX29LV400CBXEC55Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com