Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-K201-A-T1-14 Datasheet (PDF) - Vincotech

V23990-K201-A-T1-14 Datasheet PDF - Vincotech
Part # V23990-K201-A-T1-14
Download  V23990-K201-A-T1-14 Download

File Size   161.09 Kbytes
Page   14 Pages
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech
Description MiniSKiiP 2nd Gen. PIM Size 1, 600V / 6A

V23990-K201-A-T1-14 Datasheet (PDF)

Go To PDF Page Download Datasheet
V23990-K201-A-T1-14 Datasheet PDF - Vincotech

Part # V23990-K201-A-T1-14
Download  V23990-K201-A-T1-14 Click to download

File Size   161.09 Kbytes
Page   14 Pages
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech
Description MiniSKiiP 2nd Gen. PIM Size 1, 600V / 6A

V23990-K201-A-T1-14 Datasheet (HTML) - Vincotech

Back Button V23990-K201-A-T1-14 Datasheet HTML 1Page - Vincotech V23990-K201-A-T1-14 Datasheet HTML 2Page - Vincotech V23990-K201-A-T1-14 Datasheet HTML 3Page - Vincotech V23990-K201-A-T1-14 Datasheet HTML 4Page - Vincotech V23990-K201-A-T1-14 Datasheet HTML 5Page - Vincotech V23990-K201-A-T1-14 Datasheet HTML 6Page - Vincotech V23990-K201-A-T1-14 Datasheet HTML 7Page - Vincotech V23990-K201-A-T1-14 Datasheet HTML 8Page - Vincotech V23990-K201-A-T1-14 Datasheet HTML 9Page - Vincotech V23990-K201-A-T1-14 Datasheet HTML 10Page - Vincotech Next Button 



Similar Part No. - V23990-K201-A-T1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K201-A-0A-PM VINCOTECH-V23990-K201-A-0A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-K201-A-0B-PM VINCOTECH-V23990-K201-A-0B-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-K201-A-1A-PM VINCOTECH-V23990-K201-A-1A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-K201-A-1B-PM VINCOTECH-V23990-K201-A-1B-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-K201-A-PM VINCOTECH-V23990-K201-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
More results


Similar Description - V23990-K201-A-T1-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K204-A-T1-14 VINCOTECH-V23990-K204-A-T1-14 Datasheet
175Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 20A
V23990-K203-A-P-14 VINCOTECH-V23990-K203-A-P-14 Datasheet
298Kb / 19P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 15A
V23990-K209-A-P1-14 VINCOTECH-V23990-K209-A-P1-14 Datasheet
158Kb / 16P
   MiniSKiiP 2nd Gen. PIM Size 1, 1200V / 8A
V23990-K200-A-P1-14 VINCOTECH-V23990-K200-A-P1-14 Datasheet
155Kb / 16P
   MiniSKiiP 2nd Gen. PIM Size 1, 1200V / 15A
V23990-K223-A-T1-14 VINCOTECH-V23990-K223-A-T1-14 Datasheet
169Kb / 14P
   2nd Gen. PIM Size 2, 600V / 50A
V23990-K242-A-T1-14 VINCOTECH-V23990-K242-A-T1-14 Datasheet
171Kb / 13P
   2nd Gen. PIM Size 3, 600V / 75A
V23990-K222-A-T1-14 VINCOTECH-V23990-K222-A-T1-14 Datasheet
179Kb / 14P
   2nd Gen. PIM Size 2, 600V / 30A
V23990-K243-A-T1-14 VINCOTECH-V23990-K243-A-T1-14 Datasheet
174Kb / 13P
   2nd Gen. PIM Size 3, 600V / 100A
V23990-K229-A-P1-14 VINCOTECH-V23990-K229-A-P1-14 Datasheet
176Kb / 16P
   2nd Gen. PIM Size 2, 1200V / 25A
V23990-K240-A-P1-14 VINCOTECH-V23990-K240-A-P1-14 Datasheet
177Kb / 15P
   2nd Gen. PIM Size 3, 1200V / 70A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com