Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS-24E-K Datasheet (PDF) - Fujitsu Component Limited.

JS-24E-K Datasheet PDF - Fujitsu Component Limited.
Part # JS-24E-K
Download  JS-24E-K Download

File Size   527.47 Kbytes
Page   7 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description POWER RELAY 1 POLE - 8A Medium Load Control

JS-24E-K Datasheet (PDF)

Go To PDF Page Download Datasheet
JS-24E-K Datasheet PDF - Fujitsu Component Limited.

Part # JS-24E-K
Download  JS-24E-K Click to download

File Size   527.47 Kbytes
Page   7 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description POWER RELAY 1 POLE - 8A Medium Load Control

JS-24E-K Datasheet (HTML) - Fujitsu Component Limited.

JS-24E-K Datasheet HTML 1Page - Fujitsu Component Limited. JS-24E-K Datasheet HTML 2Page - Fujitsu Component Limited. JS-24E-K Datasheet HTML 3Page - Fujitsu Component Limited. JS-24E-K Datasheet HTML 4Page - Fujitsu Component Limited. JS-24E-K Datasheet HTML 5Page - Fujitsu Component Limited. JS-24E-K Datasheet HTML 6Page - Fujitsu Component Limited. JS-24E-K Datasheet HTML 7Page - Fujitsu Component Limited.



Similar Part No. - JS-24E-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JS-24-K FUJITSU-JS-24-K Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
JS-24-K-V3 FUJITSU-JS-24-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
Honeywell Accelerometer...
JS-246 HONEYWELL-ACC-JS-246 Datasheet
335Kb / 7P
   Interactive Catalog Replaces Catalog Pages
JS-246 HONEYWELL-ACC-JS-246 Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
Honeywell Solid State E...
JS-246 HONEYWELL-JS-246 Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
More results


Similar Description - JS-24E-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com