Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF0065A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TF0065A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TF0065A
Download  TF0065A Download

File Size   279.04 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Duplexer 1950/2140MHz SMD 2.5횞2.0 mm

TF0065A Datasheet (PDF)

Go To PDF Page Download Datasheet
TF0065A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0065A
Download  TF0065A Click to download

File Size   279.04 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Duplexer 1950/2140MHz SMD 2.5횞2.0 mm

TF0065A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TF0065A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TF0065A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TF0065A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TF0065A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0065A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0065A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0065A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.


Similar Part No. - TF0065A

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
TF006 ALLEN-BRADLEY-TF006 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
Transko Electronics, In...
TF006000BV-IT TRANSKO-TF006000BV-IT Datasheet
1Mb / 3P
   IF Bandpass Filter
Rev. 0: Mar. 2023
logo
TAI-SAW TECHNOLOGY CO.,...
TF0060A TAI-SAW-TF0060A Datasheet
333Kb / 12P
   1880/1960MHz Band 2 Balanced Duplexer SMD 2.0X1.6 mm
TF0061A TAI-SAW-TF0061A Datasheet
315Kb / 11P
   2535/2655MHz Band 7 Balanced Duplexer SMD 2.0X1.6 mm
TF0066A TAI-SAW-TF0066A Datasheet
331Kb / 8P
   SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
More results


Similar Description - TF0065A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0384A TAI-SAW-TA0384A Datasheet
364Kb / 7P
   SAW Filter 2140MHz SMD 2.5횞2.0 mm
TF0228AA0033 TAI-SAW-TF0228AA0033 Datasheet
1Mb / 12P
   SAW Duplexer 1950/2140MHz BW 60/60MHz SMD 1.6x1.2mm
REV. NO.:1.0
TF0067A TAI-SAW-TF0067A Datasheet
367Kb / 8P
   SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
TF0066A TAI-SAW-TF0066A Datasheet
331Kb / 8P
   SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
TF0098A TAI-SAW-TF0098A Datasheet
383Kb / 12P
   SAW DPX 1950/2140MHz 60MHz BW Single type SMD 2.0횞1.6 mm
TF0088A TAI-SAW-TF0088A Datasheet
324Kb / 13P
   Duplexer 1960/2140MHz 60MHz BW SMD 2.0횞1.6 mm
TA0402A TAI-SAW-TA0402A Datasheet
497Kb / 7P
   SAW Filter 2140MHz SMD 2.5X2.0 mm
TA0299A TAI-SAW-TA0299A Datasheet
1Mb / 6P
   SAW Filter 915MHz SMD 2.5횞2.0 mm
TA0321A TAI-SAW-TA0321A Datasheet
423Kb / 12P
   SAW Filter 881.5MHz SMD 2.5횞2.0 mm
logo
EPCOS
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
   SAW Duplexer 1950 / 2140 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com