Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF0061A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TF0061A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TF0061A
Download  TF0061A Download

File Size   315.27 Kbytes
Page   11 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 2535/2655MHz Band 7 Balanced Duplexer SMD 2.0X1.6 mm

TF0061A Datasheet (PDF)

Go To PDF Page Download Datasheet
TF0061A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0061A
Download  TF0061A Click to download

File Size   315.27 Kbytes
Page   11 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 2535/2655MHz Band 7 Balanced Duplexer SMD 2.0X1.6 mm

TF0061A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

Back Button TF0061A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TF0061A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TF0061A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TF0061A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0061A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0061A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0061A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TF0061A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TF0061A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. TF0061A Datasheet HTML 10Page - TAI-SAW TECHNOLOGY CO., LTD. Next Button 


Similar Part No. - TF0061A

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
TF006 ALLEN-BRADLEY-TF006 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
Transko Electronics, In...
TF006000BV-IT TRANSKO-TF006000BV-IT Datasheet
1Mb / 3P
   IF Bandpass Filter
Rev. 0: Mar. 2023
logo
TAI-SAW TECHNOLOGY CO.,...
TF0060A TAI-SAW-TF0060A Datasheet
333Kb / 12P
   1880/1960MHz Band 2 Balanced Duplexer SMD 2.0X1.6 mm
TF0065A TAI-SAW-TF0065A Datasheet
279Kb / 7P
   SAW Duplexer 1950/2140MHz SMD 2.5횞2.0 mm
TF0066A TAI-SAW-TF0066A Datasheet
331Kb / 8P
   SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
More results


Similar Description - TF0061A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0060A TAI-SAW-TF0060A Datasheet
333Kb / 12P
   1880/1960MHz Band 2 Balanced Duplexer SMD 2.0X1.6 mm
TF0116A TAI-SAW-TF0116A Datasheet
1Mb / 17P
   BAW DPX 2535/2655MHz 70MHz BW Balance type SMD 2.0X1.6 mm
TA1886A TAI-SAW-TA1886A Datasheet
633Kb / 9P
   SAW Filter 2535 MHz Band 7 Tx SMD 1.1x0.9 mm
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-6207 AVAGO-ACMD-6207_15 Datasheet
668Kb / 15P
   LTE Band 7 Duplexer with Balanced Rx Port
ACMD-6207 AVAGO-ACMD-6207 Datasheet
668Kb / 15P
   LTE Band 7 Duplexer with Balanced Rx Port
logo
Broadcom Corporation.
ACMD-6207 BOARDCOM-ACMD-6207 Datasheet
668Kb / 15P
   LTE Band 7 Duplexer with Balanced Rx Port
logo
TAI-SAW TECHNOLOGY CO.,...
TF0112A TAI-SAW-TF0112A Datasheet
408Kb / 12P
   SAW Duplexer 718/773 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
TA1847A TAI-SAW-TA1847A Datasheet
684Kb / 10P
   SAW Filter 2655MHz 70MHz BW Band 7 Rx SMD 1.1횞0.9mm
TF0113A TAI-SAW-TF0113A Datasheet
436Kb / 12P
   SAW Duplexer 733/788 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
TF0218AA0031 TAI-SAW-TF0218AA0031 Datasheet
825Kb / 13P
   SAW DPX 2535/2655 MHz Band 7 SMD 1.6X1.2 mm (BW=70 MHz)
REV.1.0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com