Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF0060A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TF0060A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TF0060A
Download  TF0060A Download

File Size   333.51 Kbytes
Page   12 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 1880/1960MHz Band 2 Balanced Duplexer SMD 2.0X1.6 mm

TF0060A Datasheet (PDF)

Go To PDF Page Download Datasheet
TF0060A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0060A
Download  TF0060A Click to download

File Size   333.51 Kbytes
Page   12 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 1880/1960MHz Band 2 Balanced Duplexer SMD 2.0X1.6 mm

TF0060A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

Back Button TF0060A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. TF0060A Datasheet HTML 10Page - TAI-SAW TECHNOLOGY CO., LTD. Next Button 


Similar Part No. - TF0060A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TF006000BV-IT TRANSKO-TF006000BV-IT Datasheet
1Mb / 3P
   IF Bandpass Filter
Rev. 0: Mar. 2023
More results


Similar Description - TF0060A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0061A TAI-SAW-TF0061A Datasheet
315Kb / 11P
   2535/2655MHz Band 7 Balanced Duplexer SMD 2.0X1.6 mm
TF0068A TAI-SAW-TF0068A Datasheet
391Kb / 7P
   SAW Duplexer 1880/1960MHz 60MHz BW SMD 3.8횞3.8 mm
TF0105B TAI-SAW-TF0105B Datasheet
618Kb / 13P
   SAW DPX 1880/1960MHz LTE Band 2 SMD 2016(60MHz BW)
TF0103A TAI-SAW-TF0103A Datasheet
1Mb / 15P
   SAW DPX 1880/1960MHz LTE Band 2 SMD 2016(60MHz BW)
TA1870AM TAI-SAW-TA1870AM Datasheet
542Kb / 9P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
TA1870A TAI-SAW-TA1870A Datasheet
609Kb / 10P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1x0.9 mm
TF0112A TAI-SAW-TF0112A Datasheet
408Kb / 12P
   SAW Duplexer 718/773 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
TA1870DA TAI-SAW-TA1870DA Datasheet
507Kb / 8P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
TF0113A TAI-SAW-TF0113A Datasheet
436Kb / 12P
   SAW Duplexer 733/788 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7411 AVAGO-ACMD-7411 Datasheet
272Kb / 3P
   UMTS Band 2 Duplexer with Balanced Rx Port
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com