Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP30D Datasheet (PDF) - Leshan Radio Company

RGP30D Datasheet PDF - Leshan Radio Company
Part # RGP30D
Download  RGP30D Download

File Size   448.05 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A

RGP30D Datasheet (PDF)

Go To PDF Page Download Datasheet
RGP30D Datasheet PDF - Leshan Radio Company

Part # RGP30D
Download  RGP30D Click to download

File Size   448.05 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A

RGP30D Datasheet (HTML) - Leshan Radio Company

RGP30D Datasheet HTML 1Page - Leshan Radio Company RGP30D Datasheet HTML 2Page - Leshan Radio Company RGP30D Datasheet HTML 3Page - Leshan Radio Company RGP30D Datasheet HTML 4Page - Leshan Radio Company RGP30D Datasheet HTML 5Page - Leshan Radio Company RGP30D Datasheet HTML 6Page - Leshan Radio Company RGP30D Datasheet HTML 7Page - Leshan Radio Company

RGP30D Product details

Reverse Voltage 50 to 1000V Forward Current 3.0A

FEATURES
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Glass passivated chip
* Capable of meeting environmental standards of MIL-S-19500
* 3.0 A operation at TA=55°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 0.1µA
* High temperature soldering guaranteed: 350°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension

Mechanical Data
   Case: JEDEC DO-201AD, molded plastic over glass die 
   Terminals: Plated axial leads, solderable per
   MIL-STD-750, Method 2026
   Polarity: Color band denotes cathode end
   Mounting Position: Any
   Weight: 0.038 oz., 1.03g
   Handling precautin:None




Similar Part No. - RGP30D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP30D ZOWIE-RGP30D Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
RGP30D LUGUANG-RGP30D Datasheet
199Kb / 2P
   Fast Recovery Rectifiers
logo
General Semiconductor
RGP30D GE-RGP30D Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Shenzhen Taychipst Elec...
RGP30D TAYCHIPST-RGP30D Datasheet
4Mb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
RGP30D MCC-RGP30D Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
More results


Similar Description - RGP30D

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
UF5400G LRC-UF5400G Datasheet
195Kb / 7P
   Glass Passivated Junction Ultra Fast Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
RGP20MA LRC-RGP20MA Datasheet
493Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RGP10MA LRC-RGP10MA Datasheet
176Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP15MA LRC-RGP15MA Datasheet
533Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RS1A LRC-RS1A Datasheet
180Kb / 9P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF31G LRC-SF31G Datasheet
75Kb / 3P
   Glass Passivated Junction Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
S3MB LRC-S3MB Datasheet
160Kb / 3P
   Surface Mount Glass Passivated Rectifiers Reverse Voltage 1000V Forward Current 3.0A
S3MC LRC-S3MC Datasheet
219Kb / 3P
   Surface Mount Glass Passivated Rectifiers Reverse Voltage 1000V Forward Current 3.0A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com