Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ22 Datasheet (PDF) - Leshan Radio Company

SMAJ22 Datasheet PDF - Leshan Radio Company
Part # SMAJ22
Download  SMAJ22 Download

File Size   182.74 Kbytes
Page   11 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMAJ22 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ22 Datasheet PDF - Leshan Radio Company

Part # SMAJ22
Download  SMAJ22 Click to download

File Size   182.74 Kbytes
Page   11 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMAJ22 Datasheet (HTML) - Leshan Radio Company

Back Button SMAJ22 Datasheet HTML 1Page - Leshan Radio Company SMAJ22 Datasheet HTML 2Page - Leshan Radio Company SMAJ22 Datasheet HTML 3Page - Leshan Radio Company SMAJ22 Datasheet HTML 4Page - Leshan Radio Company SMAJ22 Datasheet HTML 5Page - Leshan Radio Company SMAJ22 Datasheet HTML 6Page - Leshan Radio Company SMAJ22 Datasheet HTML 7Page - Leshan Radio Company SMAJ22 Datasheet HTML 8Page - Leshan Radio Company SMAJ22 Datasheet HTML 9Page - Leshan Radio Company SMAJ22 Datasheet HTML 10Page - Leshan Radio Company Next Button 

SMAJ22 Product details

VOLTAGE 5.0 TO 250 Volts 400 Watt Peak Pulse Power

FEATURES
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O
* For surface mounted applications in order to optimize
   board space
* Low profile package
* Built-in strain relief
* Glass passivated junction
* Low inductance
* Excellent clamping capability
* Repetition Rate (duty cycle):0.01%
* Fast response time: typically less than 1.0ps
   from 0 Volts to V(BR) for unidirectional types
* Typical IR less than 1mA above 10V
* High temperature soldering guaranteed:
   260°C/10 seconds,




Similar Part No. - SMAJ22

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ22 SOCAY-SMAJ22 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ22 JGD-SMAJ22 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nantong Hornby Electron...
SMAJ22 HORNBY-SMAJ22 Datasheet
334Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
RFE international
SMAJ22 RFE-SMAJ22 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
logo
Vishay Siliconix
SMAJ22 VISHAY-SMAJ22 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 29-Oct-08
More results


Similar Description - SMAJ22

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com