Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0648A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TB0648A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TB0648A
Download  TB0648A Download

File Size   322.28 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 351MHz 90 MHz BW (SMD 5횞5 mm)

TB0648A Datasheet (PDF)

Go To PDF Page Download Datasheet
TB0648A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0648A
Download  TB0648A Click to download

File Size   322.28 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 351MHz 90 MHz BW (SMD 5횞5 mm)

TB0648A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TB0648A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0648A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0648A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0648A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0648A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0648A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TB0648A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0648A GOLLEDGE-TB0648A Datasheet
107Kb / 4P
   SAW Filter 351.0MHz
More results


Similar Description - TB0648A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0649A TAI-SAW-TB0649A Datasheet
351Kb / 6P
   SAW Filter 255MHz 90 MHz BW (SMD 5횞5 mm)
TB0650A TAI-SAW-TB0650A Datasheet
322Kb / 7P
   SAW Filter 447MHz 90 MHz BW (SMD 5횞5 mm)
TB0651A TAI-SAW-TB0651A Datasheet
334Kb / 6P
   SAW Filter 525MHz 54 MHz BW (SMD 5횞5 mm)
TA1678A TAI-SAW-TA1678A Datasheet
347Kb / 7P
   SAW Filter 388.5MHz 3MHz BW SMD 5횞5 mm
TA2390A TAI-SAW-TA2390A Datasheet
340Kb / 7P
   SAW Filter 1480 MHz SMD 3.0횞3.0 mm (BW=90 MHz)
TA2043B TAI-SAW-TA2043B Datasheet
760Kb / 7P
   SAW Filter 2155 MHz BW 90 MHz SMD 3.0X3.0 mm
TB0647A TAI-SAW-TB0647A Datasheet
269Kb / 6P
   SAW Filter 159MHz 90 MHz BW (SMD 7횞5 mm)
TA1954D TAI-SAW-TA1954D Datasheet
392Kb / 9P
   SAW Filter 1582.47 MHz SMD 1.1X0.9 mm (BW=46.84 MHz)
TA2042A TAI-SAW-TA2042A Datasheet
508Kb / 9P
   SAW Filter 847 MHz SMD 1.1X0.9 mm (BW=30 MHz)
TA1957A TAI-SAW-TA1957A Datasheet
427Kb / 7P
   SAW Filter 1278.75 MHz SMD 3.0횞3.0 mm (BW=55 MHz)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com