Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25040B-XHL-B Datasheet (PDF) - ATMEL Corporation

AT25040B-XHL-B Datasheet PDF - ATMEL Corporation
Part # AT25040B-XHL-B
Download  AT25040B-XHL-B Download

File Size   1434.65 Kbytes
Page   27 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Serial Peripheral Interface (SPI) Compatible

AT25040B-XHL-B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25040B-XHL-B Datasheet PDF - ATMEL Corporation

Part # AT25040B-XHL-B
Download  AT25040B-XHL-B Click to download

File Size   1434.65 Kbytes
Page   27 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Serial Peripheral Interface (SPI) Compatible

AT25040B-XHL-B Datasheet (HTML) - ATMEL Corporation

Back Button AT25040B-XHL-B Datasheet HTML 1Page - ATMEL Corporation AT25040B-XHL-B Datasheet HTML 2Page - ATMEL Corporation AT25040B-XHL-B Datasheet HTML 3Page - ATMEL Corporation AT25040B-XHL-B Datasheet HTML 4Page - ATMEL Corporation AT25040B-XHL-B Datasheet HTML 5Page - ATMEL Corporation AT25040B-XHL-B Datasheet HTML 6Page - ATMEL Corporation AT25040B-XHL-B Datasheet HTML 7Page - ATMEL Corporation AT25040B-XHL-B Datasheet HTML 8Page - ATMEL Corporation AT25040B-XHL-B Datasheet HTML 9Page - ATMEL Corporation AT25040B-XHL-B Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT25040B-XHL-B Product details

Description
The Atmel® AT25010B/020B/040B provides 1024/2048/4096 bits of serial electrically erasable programmable read-only memory (EEPROM) organized as 128/256/512 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The AT25010B/020B/040B is available in space saving, JEDEC SOIC, UDFN, TSSOP, XDFN and VFBGA packages.

Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
   – Data Sheet Describes Mode 0 Operation
• Low-voltage and Standard-voltage Operation
   – VCC = 1.8V to 5.5V
• 20 MHz Clock Rate (5V)
• 8-byte Page Mode
• Block Write Protection
   – Protect 1/4, 1/2, or Entire Array
• Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software
   Data Protection
• Self-timed Write Cycle (5 ms max)
• High Reliability
   – Endurance: One Million Write Cycles
   – Data Retention: 100 Years
• Green (Pb/Halogen-free/Rohs Compliant) Packaging Options
• Die Sales: Wafer Form, Waffle Pack, Bumped Wafers




Similar Part No. - AT25040B-XHL-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-MAHL-T ATMEL-AT25040B-MAHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
More results


Similar Description - AT25040B-XHL-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161A ATMEL-AT26DF161A_14 Datasheet
938Kb / 41P
   Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
AT45DB021B ATMEL-AT45DB021B_14 Datasheet
485Kb / 32P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161 ATMEL-AT26DF161_14 Datasheet
697Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT26DF321 ATMEL-AT26DF321_14 Datasheet
659Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
352Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com