Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ1E070RPTR Datasheet (PDF) - Rohm

RQ1E070RPTR Datasheet PDF - Rohm
Part # RQ1E070RPTR
Download  RQ1E070RPTR Download

File Size   671.19 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -30V -7A Power MOSFET

RQ1E070RPTR Datasheet (PDF)

Go To PDF Page Download Datasheet
RQ1E070RPTR Datasheet PDF - Rohm

Part # RQ1E070RPTR
Download  RQ1E070RPTR Click to download

File Size   671.19 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -30V -7A Power MOSFET

RQ1E070RPTR Datasheet (HTML) - Rohm

Back Button RQ1E070RPTR Datasheet HTML 1Page - Rohm RQ1E070RPTR Datasheet HTML 2Page - Rohm RQ1E070RPTR Datasheet HTML 3Page - Rohm RQ1E070RPTR Datasheet HTML 4Page - Rohm RQ1E070RPTR Datasheet HTML 5Page - Rohm RQ1E070RPTR Datasheet HTML 6Page - Rohm RQ1E070RPTR Datasheet HTML 7Page - Rohm RQ1E070RPTR Datasheet HTML 8Page - Rohm RQ1E070RPTR Datasheet HTML 9Page - Rohm RQ1E070RPTR Datasheet HTML 10Page - Rohm Next Button 



Similar Part No. - RQ1E070RPTR

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1E070RP ROHM-RQ1E070RP Datasheet
351Kb / 6P
   4V Drive Pch MOSFET
RQ1E070RPFRA ROHM-RQ1E070RPFRA Datasheet
797Kb / 14P
   Pch -30V -7A Power MOSFET
RQ1E070RPHZG ROHM-RQ1E070RPHZG Datasheet
2Mb / 15P
   Pch -30V -7A Small Signal MOSFET
More results


Similar Description - RQ1E070RPTR

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1E070RPFRA ROHM-RQ1E070RPFRA Datasheet
797Kb / 14P
   Pch -30V -7A Power MOSFET
RQ1E070RPHZG ROHM-RQ1E070RPHZG Datasheet
2Mb / 15P
   Pch -30V -7A Small Signal MOSFET
SP8J66FRA ROHM-SP8J66FRA Datasheet
2Mb / 15P
   -30V Pch Pch Power MOSFET
RSS070P05FRA ROHM-RSS070P05FRA Datasheet
2Mb / 14P
   Pch -45V -7A Power MOSFET
RS3P070AT ROHM-RS3P070AT Datasheet
2Mb / 14P
   Pch -100V -7A Power MOSFET
20221229 - Rev.002
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
   Pch -30V -3.5A Power MOSFET
RRS100P03FRA ROHM-RRS100P03FRA Datasheet
2Mb / 15P
   Pch -30V -10A Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com