Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0162BA03266S Datasheet (PDF) - API Technologies Corp

SF0162BA03266S Datasheet PDF - API Technologies Corp
Part # SF0162BA03266S
Download  SF0162BA03266S Download

File Size   1381.66 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth

SF0162BA03266S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0162BA03266S Datasheet PDF - API Technologies Corp

Part # SF0162BA03266S
Download  SF0162BA03266S Click to download

File Size   1381.66 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth

SF0162BA03266S Datasheet (HTML) - API Technologies Corp

SF0162BA03266S Datasheet HTML 1Page - API Technologies Corp SF0162BA03266S Datasheet HTML 2Page - API Technologies Corp SF0162BA03266S Datasheet HTML 3Page - API Technologies Corp



Similar Part No. - SF0162BA03266S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0160BA01961S APITECH-SF0160BA01961S Datasheet
180Kb / 3P
   160 MHz SAW Filter 30 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0160BA02299S ICST-SF0160BA02299S Datasheet
203Kb / 2P
   160 MHz Filter 9.5 MHz Bandwidth
logo
API Technologies Corp
SF0160BA02299S APITECH-SF0160BA02299S Datasheet
167Kb / 3P
   160 MHz SAW Filter 9.5 MHz Bandwidth
SF0160BA02329T APITECH-SF0160BA02329T Datasheet
145Kb / 4P
   160 MHz SAW Filter Set 10 MHz Bandwidth
SF0160BA02497S APITECH-SF0160BA02497S Datasheet
82Kb / 3P
   160 MHz SAW Filter 6.6 MHz Bandwidth
More results


Similar Description - SF0162BA03266S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0426BA02365S APITECH-SF0426BA02365S Datasheet
109Kb / 2P
   426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
SF0426CN02357S APITECH-SF0426CN02357S Datasheet
101Kb / 2P
   426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
logo
Spectrum Microwave, Inc...
SF0426CN02357S SPECTRUM-SF0426CN02357S Datasheet
101Kb / 2P
   426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
logo
Integrated Circuit Syst...
SF0426BA02365S ICST-SF0426BA02365S Datasheet
106Kb / 1P
   426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
SF0160CD02254T ICST-SF0160CD02254T Datasheet
93Kb / 2P
   160 MHz SAW Bandpass Filter 4 MHz bandwidth
SF0250BA02425S ICST-SF0250BA02425S Datasheet
82Kb / 3P
   250 MHz SAW Bandpass Filter 80 MHz bandwidth
SF0185BA02302S ICST-SF0185BA02302S Datasheet
121Kb / 3P
   185.76 MHz SAW Bandpass Filter 4.48 MHz bandwidth
SF0070CF51851T ICST-SF0070CF51851T Datasheet
133Kb / 2P
   70 MHz SAW Bandpass Filter 26 MHz bandwidth
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com