Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX306EQI Datasheet (PDF) - Maxim Integrated Products

MAX306EQI Datasheet PDF - Maxim Integrated Products
Part # MAX306EQI
Download  MAX306EQI Download

File Size   317.1 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers

MAX306EQI Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX306EQI Datasheet PDF - Maxim Integrated Products

Part # MAX306EQI
Download  MAX306EQI Click to download

File Size   317.1 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers

MAX306EQI Datasheet (HTML) - Maxim Integrated Products

Back Button MAX306EQI Datasheet HTML 1Page - Maxim Integrated Products MAX306EQI Datasheet HTML 2Page - Maxim Integrated Products MAX306EQI Datasheet HTML 3Page - Maxim Integrated Products MAX306EQI Datasheet HTML 4Page - Maxim Integrated Products MAX306EQI Datasheet HTML 5Page - Maxim Integrated Products MAX306EQI Datasheet HTML 6Page - Maxim Integrated Products MAX306EQI Datasheet HTML 7Page - Maxim Integrated Products MAX306EQI Datasheet HTML 8Page - Maxim Integrated Products MAX306EQI Datasheet HTML 9Page - Maxim Integrated Products MAX306EQI Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX306EQI Product details

General Description
The MAX306/MAX307 precision, monolithic, CMOS analog multiplexers (muxes) offer low on-resistance (less than 100Ω), which is matched to within 5Ω between channels and remains flat over the specified analog signal range (7Ω, max). They also offer low leakage over temperature (INO(OFF) less than 2.5nA at +85°C) and fast switching speeds (tTRANS less than 250ns). The MAX306 is a single-ended 1-of-16 device, and the MAX307 is a differential 2-of-8 device.

Benefts and Features
● Guaranteed On-Resistance Match Between Channels, < 5Ω Max
● Low On-Resistance, < 100Ω Max
● Guaranteed Flat On-Resistance Over Specified Signal Range, 7Ω Max
● Guaranteed Charge Injection, < 10pC
● INO(OFF) Leakage < 2.5nA at +85°C
● ICOM(OFF) Leakage < 20nA at +85°C
● ESD Protection > 2000V
● Plug-In Upgrade for Industry-Standard DG406/DG407/DG506A/DG507A
● Single-Supply Operation (+5V to +30V) Bipolar-Supply Operation (±4.5V to ±20V)
● Low Power Consumption, < 1.25mW
● Rail-to-Rail Signal Handling
● TTL/CMOS-Logic Compatible

Applications
● Sample-and-Hold Circuits
● Test Equipment
● Heads-Up Displays
● Guidance and Control Systems
● Military Radios
● Communications Systems
● Battery-Operated Systems PBX, PABX
● Audio Signal Routing




Similar Part No. - MAX306EQI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306EQI MAXIM-MAX306EQI Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306EQI MAXIM-MAX306EQI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306EQI MAXIM-MAX306EQI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306EQI MAXIM-MAX306EQI Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
More results


Similar Description - MAX306EQI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com