Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF58AG Datasheet (PDF) - ON Semiconductor

SMF58AG Datasheet PDF - ON Semiconductor
Part # SMF58AG
Download  SMF58AG Download

File Size   119.91 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 200 W Transient Voltage Suppressor SOD-123 Flat Lead Package

SMF58AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF58AG Datasheet PDF - ON Semiconductor

Part # SMF58AG
Download  SMF58AG Click to download

File Size   119.91 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 200 W Transient Voltage Suppressor SOD-123 Flat Lead Package

SMF58AG Datasheet (HTML) - ON Semiconductor

SMF58AG Datasheet HTML 1Page - ON Semiconductor SMF58AG Datasheet HTML 2Page - ON Semiconductor SMF58AG Datasheet HTML 3Page - ON Semiconductor SMF58AG Datasheet HTML 4Page - ON Semiconductor SMF58AG Datasheet HTML 5Page - ON Semiconductor SMF58AG Datasheet HTML 6Page - ON Semiconductor

SMF58AG Product details

Zener Transient Voltage Suppressor SOD−123 Flat Lead Package



The SMF5.0A Series is designed to protect voltage sensitive components from high voltage, high energy transients. Excellent clamping capability, high surge capability, low zener impedance and fast response time. Because of its small size, it is ideal for use in cellular phones, portable devices, business machines, power supplies and many other industrial/consumer applications.



Features

• Stand−off Voltage: 5 − 170 Volts

• Peak Power − 200 Watts @ 1 ms (SMF5.0A − SMF58A)

                  − 175 Watts @ 1 ms (SMF60A − SMF170A)

• Maximum Clamp Voltage @ Peak Pulse Current

• Low Leakage

• Response Time is Typically < 1 ns

• ESD Rating of Class 3 (> 16 kV) per Human Body Model

   IEC61000−4−2 Level 4 ESD Protection

   IEC61000−4−4 40 A ESD Protection

• Low Profile − Maximum Height of 1.0 mm

• Small Footprint − Footprint Area of 8.45 mm2

• Supplied in 8 mm Tape and Reel − 3,000 Units per Reel

• Cathode Indicated by Polarity Band

• Lead Orientation in Tape: Cathode Lead to Sprocket Holes

• Pb−Free Packages are Available



 




Similar Part No. - SMF58AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF58AG ONSEMI-SMF58AG Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
SMF58AG ONSEMI-SMF58AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF58AG ONSEMI-SMF58AG Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF58AG ONSEMI-SMF58AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF58AG ONSEMI-SMF58AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results


Similar Description - SMF58AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF36AT1G ONSEMI-SMF36AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF9.0AT1G ONSEMI-SMF9.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF60AT1G ONSEMI-SMF60AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AT1G ONSEMI-SMF30AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF18AT1G ONSEMI-SMF18AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF15AT1G ONSEMI-SMF15AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
129Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF24AT1G ONSEMI-SMF24AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF10AT1G ONSEMI-SMF10AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com