Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1A-E Datasheet (PDF) - Omron Electronics LLC

G2R-1A-E Datasheet PDF - Omron Electronics LLC
Part # G2R-1A-E
Download  G2R-1A-E Download
File Size   2349.06 Kbytes
Page   14 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description 1General purpose power Relays of single-pole10 A and double-pole 5 A.

G2R-1A-E Datasheet (PDF)

Go To PDF Page Download Datasheet
G2R-1A-E Datasheet PDF - Omron Electronics LLC

Part # G2R-1A-E
Download  G2R-1A-E Click to download

File Size   2349.06 Kbytes
Page   14 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description 1General purpose power Relays of single-pole10 A and double-pole 5 A.

G2R-1A-E Datasheet (HTML) - Omron Electronics LLC


G2R-1A-E Product details

Power PCB Relay
   
• Creepage distance of 8.0 mm min. between coil and contact.
• Dual-winding latching type available.
• Plug-in and quick-connect terminals available (see G2R-S(S) data sheet).
• High sensitivity (360 mW) and high capacity (16 A) types available.
• Highly stable magnetic circuit for latching endurance and
    excellent resistance to vibration and shock.
• Safety-oriented design assuring high surge resistance: 10,000 V min.
    between coil and contacts.
• UL recognized / CSA certified. RoHS Complaint




Similar Part No. - G2R-1A-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A-E OMRON-G2R-1A-E Datasheet
1Mb / 19P
PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1A-E OMRON-G2R-1A-E Datasheet
562Kb / 14P
Power PCB Relay
G2R-1A-E OMRON-G2R-1A-E Datasheet
1Mb / 15P
A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1A-E OMRON-G2R-1A-E Datasheet
656Kb / 12P
Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1A-E OMRON-G2R-1A-E Datasheet
656Kb / 12P
Power PCB Relay
More results


Similar Description - G2R-1A-E

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
16-Channel, 5 A SPST (Form A) Relays
logo
Omron Electronics LLC
G3NA225BAC100120 OMRON-G3NA225BAC100120 Datasheet
1Mb / 18P
Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
A Cubic, Single-pole 10-A Power Relay
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
General-purpose Relays and Power Relays Sockets
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
SINGLE POLE AND DOUBLE POLE
logo
Omron Electronics LLC
G3NA240BDC524 OMRON-G3NA240BDC524 Datasheet
1Mb / 18P
Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
logo
Cherry Semiconductor Co...
E1901A CHERRY-E1901A Datasheet
158Kb / 3P
GENERAL PURPOSE ??SINGLE & DOUBLE POLE ESeries
logo
Omron Electronics LLC
G2R-14-DC5 OMRON-G2R-14-DC5 Datasheet
2Mb / 14P
1General purpose power Relays of single-pole10 A and double-pole 5 A.
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
A Cubic, Single-pole 10-A Power Relay
logo
ZF Friedrichshafen AG
D413-R1AA-G2 ZFSWITCHES-D413-R1AA-G2 Datasheet
306Kb / 2P
Single and Double Pole
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com