Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU6G Datasheet (PDF) - America Semiconductor, LLC

GBU6G Datasheet PDF - America Semiconductor, LLC
Part # GBU6G
Download  GBU6G Download
File Size   698.95 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description BRIDGE RECTIFIERS

GBU6G Datasheet (PDF)

Go To PDF Page Download Datasheet
GBU6G Datasheet PDF - America Semiconductor, LLC

Part # GBU6G
Download  GBU6G Click to download

File Size   698.95 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description BRIDGE RECTIFIERS

GBU6G Datasheet (HTML) - America Semiconductor, LLC


GBU6G Product details

VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes

FEATURES
● Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
● Types up to 1000 V VRRM
● Ideal for printed circuit board
● High surge overload rating
● High temperature soldering guaranteed: 260°C/10
   seconds/.375”(9.5mm) lead length
● Glass passivated chip junction
● High case dielectric strength 1500 VRMS




Similar Part No. - GBU6G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU6G PANJIT-GBU6G Datasheet
42Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 100 Volts CURRENT - 6.0 Amperes)
logo
Transys Electronics
GBU6G TRSYS-GBU6G Datasheet
215Kb / 3P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBU6G WTE-GBU6G Datasheet
47Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU6G ZOWIE-GBU6G Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Fairchild Semiconductor
GBU6G FAIRCHILD-GBU6G Datasheet
858Kb / 3P
6.0 Ampere Bridge Rectifiers
More results


Similar Description - GBU6G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
America Semiconductor, ...
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
BRIDGE RECTIFIERS
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com