Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA022N1-65 Datasheet (PDF) - Alpha Industries

AA022N1-65 Datasheet PDF - Alpha Industries
Part # AA022N1-65
Download  AA022N1-65 Download

File Size   662.34 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 20-24 GHz Low Noise Amplifier

AA022N1-65 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA022N1-65 Datasheet PDF - Alpha Industries

Part # AA022N1-65
Download  AA022N1-65 Click to download

File Size   662.34 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 20-24 GHz Low Noise Amplifier

AA022N1-65 Datasheet (HTML) - Alpha Industries

AA022N1-65 Datasheet HTML 1Page - Alpha Industries AA022N1-65 Datasheet HTML 2Page - Alpha Industries AA022N1-65 Datasheet HTML 3Page - Alpha Industries AA022N1-65 Datasheet HTML 4Page - Alpha Industries

AA022N1-65 Product details

Description
The AA022N1-65 is a broadband millimeterwave amplifier in a hermetic package. The amplifier is designed for use in millimeterwave communication and sensor systems as the receiver front-end, transmitter gain stage, or local oscillator gain stage when high gain, wide dynamic range, and low noise figure are required. The solder-sealed hermetic package provides excellent electrical performance, excellent thermal performance, and complete environmental protection for long-term reliability. A single supply voltage simplifies bias requirements. All amplifiers are screened at the operating frequencies prior to shipment for guaranteed performance.The amplifier is targeted for millimeterwave point-to-point and point-tomultipoint wireless communications systems.

Features
■ 3.2 dB Noise Figure
■ 17 dB Gain
■ +9 dBm Output Power
■ Hermetic Package with Solderable Leads
■ Single Voltage Operation
■ 100% RF and DC Testing




Similar Part No. - AA022N1-65

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022N1-00 ALPHA-AA022N1-00 Datasheet
118Kb / 2P
   21-24 GHz GaAs MMIC Low Noise Amplifier
AA022N1-A2 ALPHA-AA022N1-A2 Datasheet
548Kb / 4P
   20-24 GHz Surface Mount Low Noise Amplifier
More results


Similar Description - AA022N1-65

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022N1-A2 ALPHA-AA022N1-A2 Datasheet
548Kb / 4P
   20-24 GHz Surface Mount Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMP-6220 BOARDCOM-AMMP-6220 Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD194C3 MMIC-CMD194C3 Datasheet
260Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220 Datasheet
524Kb / 8P
   6 - 20 GHz Low Noise Amplifier
AMMP-6220 AVAGO-AMMP-6220_15 Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6220 BOARDCOM-AMMC-6220 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA8310-SCC TRIQUINT-TGA8310-SCC_15 Datasheet
404Kb / 14P
   2 - 20 GHz Low Noise Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com