Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW31 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BCW31 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # BCW31
Download  BCW31 Download

File Size   77.49 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description Low current(100mA)

BCW31 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCW31 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BCW31
Download  BCW31 Click to download

File Size   77.49 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description Low current(100mA)

BCW31 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BCW31 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BCW31 Product details

FEATURES
* Low current(100mA)
* Low voltage(32V)
* General purpose swithching and amplification




Similar Part No. - BCW31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW31 PHILIPS-BCW31 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 13
logo
Continental Device Indi...
BCW31 CDIL-BCW31 Datasheet
83Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Fairchild Semiconductor
BCW31 FAIRCHILD-BCW31 Datasheet
27Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
BCW31 KEXIN-BCW31 Datasheet
923Kb / 2P
   NPN Transistors
logo
KEC(Korea Electronics)
BCW31 KEC-BCW31 Datasheet
129Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Similar Description - BCW31

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
BC856A LEIDITECH-BC856A Datasheet
679Kb / 4P
   Low current.(max.100mA)
logo
Fitipower Integrated Te...
FP6141 FITIPOWER-FP6141 Datasheet
498Kb / 10P
   100mA Ultra-Low Quiescent Current Low Dropout Regulator
logo
Maxim Integrated Produc...
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
   60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
logo
New Japan Radio
NJW4182-H NJRC-NJW4182-H Datasheet
478Kb / 15P
   nullHigh Voltage Ultra Low Current Consumption IO=100mA LDO
Ver.1.3
NJW4181 NJRC-NJW4181 Datasheet
394Kb / 13P
   High Voltage Very low current consumption Io=100mA Regulator
NJW4182 NJRC-NJW4182 Datasheet
277Kb / 11P
   High Voltage Ultra low current consumption Io=100mA LDO
Ver.2014-09-29
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com