Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-23 Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SOT-23 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # SOT-23
Download  SOT-23 Download

File Size   223.7 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description SOT-23 Plastic-Encapsulate Diodes

SOT-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
SOT-23 Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # SOT-23
Download  SOT-23 Click to download

File Size   223.7 Kbytes
Page   2 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description SOT-23 Plastic-Encapsulate Diodes

SOT-23 Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SOT-23 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SOT-23 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SOT-23 Product details

SWITCHING DIODE

FEATURES
    Power dissipation
        PD: 225 mW(Tamb=25℃)
    Forward Current
        IF: 200 mA
    Reverse Voltage
        VR: 70 V
    Operating and storage junction temperature range
        TJ, Tstg: -55℃ to +15℃




Similar Part No. - SOT-23

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SOT-23 MOTOROLA-SOT-23 Datasheet
258Kb / 20P
   Zener Voltage Regulator Didoes
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
98Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Shenzhen Luguang Electr...
SOT-23 LUGUANG-SOT-23 Datasheet
219Kb / 2P
   Surface Mount Switching Diode
logo
KEC(Korea Electronics)
SOT-23 KEC-SOT-23 Datasheet
354Kb / 1P
   PACKAGE DIMENSION
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
150Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
More results


Similar Description - SOT-23

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
DAN202 HDSEMI-DAN202 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C3V3 MAKOSEMI-BZX84C3V3 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
BAS19 HDSEMI-BAS19 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
BAV23A HDSEMI-BAV23A Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-06-200MA-SOT-23 DGNJDZ-BAS40-06-200MA-SOT-23 Datasheet
338Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS187 KISEMICONDUCTOR-1SS187 Datasheet
69Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
1SS193 TGS-1SS193 Datasheet
393Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148 WILLAS-MMBD4148 Datasheet
394Kb / 3P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS181 KISEMICONDUCTOR-1SS181 Datasheet
60Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
1SS193 KISEMICONDUCTOR-1SS193 Datasheet
77Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Microdiode Electronics ...
MMBD4148A CHENDA-MMBD4148A Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com