Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G50DFT2G Datasheet (PDF) - ON Semiconductor

MC74VHC1G50DFT2G Datasheet PDF - ON Semiconductor
Part # MC74VHC1G50DFT2G
Download  MC74VHC1G50DFT2G Download
File Size   250.35 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description The MC74VHC1G50 is an advanced high speed CMOS buffer

MC74VHC1G50DFT2G Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC1G50DFT2G Datasheet PDF - ON Semiconductor

Part # MC74VHC1G50DFT2G
Download  MC74VHC1G50DFT2G Click to download

File Size   250.35 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description The MC74VHC1G50 is an advanced high speed CMOS buffer

MC74VHC1G50DFT2G Datasheet (HTML) - ON Semiconductor


MC74VHC1G50DFT2G Product details

Buffer

The MC74VHC1G50 / MC74VHC1GT50 is an advanced high speed CMOS buffer in tiny footprint packages. The MC74VHC1G50 has CMOS level input thresholds while the MC74VHC1GT50 has TTL level input thresholds.
The input structures provide protection when voltages up to 5.5 V are applied, regardless of the supply voltage. This allows the device to be used to interface 5 V circuits to 3 V circuits. The output structures also provide protection when VCC = 0 V and when the output voltage exceeds VCC. These input and output structures help prevent device destruction caused by supply voltage − input/output voltage mismatch, battery backup, hot insertion, etc.

Features
• Designed for 2.0 V to 5.5 V VCC Operation
• 3.5 ns tPD at 5 V (typ)
• Inputs/Outputs Over−Voltage Tolerant up to 5.5 V
• IOFF Supports Partial Power Down Protection
• Source/Sink 8 mA at 3.0 V
• Available in SC−88A, SC−74A, TSOP−5, SOT−553, SOT−953 and UDFN6 Packages
• Chip Complexity < 100 FETs
• NLV Prefix for Automotive and Other Applications Requiring
   Unique Site and Control Change Requirements; AEC−Q100
   Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - MC74VHC1G50DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G50DFT2G ONSEMI-MC74VHC1G50DFT2G Datasheet
203Kb / 14P
Buffer
November, 2018 ??Rev. 13
MC74VHC1G50DFT2G ONSEMI-MC74VHC1G50DFT2G Datasheet
203Kb / 14P
Buffer
November, 2018 ??Rev. 13
MC74VHC1G50DFT2G ONSEMI-MC74VHC1G50DFT2G Datasheet
176Kb / 15P
Buffer
April, 2022 ??Rev. 18
More results


Similar Description - MC74VHC1G50DFT2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABB3007 ETC1-ABB3007 Datasheet
80Kb / 5P
High Speed Translator Buffer to CMOS
logo
NXP Semiconductors
74AHC2G00 PHILIPS-74AHC2G00 Datasheet
94Kb / 17P
The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
logo
List of Unclassifed Man...
MDT75C271 ETC1-MDT75C271 Datasheet
43Kb / 5P
The MDT75C271 is an OTP Encoder using CMOS technology.
logo
Renesas Technology Corp
R5F56108VNFP RENESAS-R5F56108VNFP Datasheet
1Mb / 85P
The RX610 Group is an MCU with the high-speed, high-performance RX CPU as its core.
logo
Unisonic Technologies
U74LVC1G66 UTC-U74LVC1G66 Datasheet
175Kb / 7P
The U74LVC1G66 is a high-speed CMOS device.
logo
ON Semiconductor
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
ams AG
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
The device is an advanced proximity sensor
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
The 74V1G04 is an advanced high-speed
July 2001
logo
Littelfuse
SE-330 LITTELFUSE-SE-330 Datasheet
359Kb / 2P
The SE-330 is an advanced ground-fault
logo
Nexperia B.V. All right...
74AHC1GU04-Q100 NEXPERIA-74AHC1GU04-Q100 Datasheet
703Kb / 13P
The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com