Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH15S4815EIC Datasheet (PDF) - Murata Manufacturing Co., Ltd.

NPH15S4815EIC Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # NPH15S4815EIC
Download  NPH15S4815EIC Download

File Size   254.06 Kbytes
Page   8 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 15W Single Output DC/DC Converters

NPH15S4815EIC Datasheet (PDF)

Go To PDF Page Download Datasheet
NPH15S4815EIC Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # NPH15S4815EIC
Download  NPH15S4815EIC Click to download

File Size   254.06 Kbytes
Page   8 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 15W Single Output DC/DC Converters

NPH15S4815EIC Datasheet (HTML) - Murata Manufacturing Co., Ltd.

NPH15S4815EIC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NPH15S4815EIC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NPH15S4815EIC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NPH15S4815EIC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NPH15S4815EIC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NPH15S4815EIC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NPH15S4815EIC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NPH15S4815EIC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.

NPH15S4815EIC Product details

DESCRIPTION
The NPH15S series of DC-DC converters combines ease of application with versatility. The pin pattern is based on the popular industry standard, but two additional pins may optionally be fitted to provide a variety of features not commonly found on units of this type. High efficiency enables full rating to be achieved in a small package without heatsinking, and a high surge capability will provide for start-up and transient loads, whilst being thermally protected against sustained overload. Overload protection of the “constant current” type ensures start-up into complex load conditions. The copper case achieves efficient heat transfer and screening. The product range has been recognised by Underwriters Laboratory (UL) to UL 1950 for operational insulation, file number E151252 applies.

FEATURES
■ RoHS compliant
■ High efficiency to 89%
■ Power density up to 2.4W/cm3
■ UL 94V-0 package material
■ Industry standard pinout
■ UL 1950 recognized
■ Non latching current limit
■ Constant 350kHz frequency
■ 1.5kV input to output isolation
■ Versatile control options
■ Continuous rating to 30W at 40ºC without heatsink
■ Operation to zero load
■ Protected against load faults
■ Internal over temperature protection
■ Uses no electrolytic capacitors



Similar Part No. - NPH15S4815EIC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NPH15S4815EiC MURATA-PS-NPH15S4815EiC Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
More results


Similar Description - NPH15S4815EIC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
logo
C&D Technologies
NPH15S CANDD-NPH15S_05 Datasheet
753Kb / 8P
   Isolated 15W Single Output DC/DC Converters
NPH15S CANDD-NPH15S Datasheet
134Kb / 2P
   Isolated 15W Single Output DC-DC Converters
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com