Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5354 Datasheet (PDF) - Asahi Kasei Microsystems

AK5354 Datasheet PDF - Asahi Kasei Microsystems
Part # AK5354
Download  AK5354 Download
File Size   126.22 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.A FOR AK5354

AK5354 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK5354 Datasheet PDF - Asahi Kasei Microsystems

Part # AK5354
Download  AK5354 Click to download

File Size   126.22 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.A FOR AK5354

AK5354 Datasheet (HTML) - Asahi Kasei Microsystems


AK5354 Product details

FEATURES
The AK5354 is a low voltage 20bit A/D converter for digital audio system. The AK5354 also includes Analog input PGA, therefore is suitable for microphone application and etc. As digital power supply of the AK5354 corresponds to 1.8V, the interface with microprocessor can operate at low voltage. Analog signal input of the AK5354 is single-ended, therefore, any external filters are not required. As the package is 16pin TSSOP, the AK5354 is a suitable for minimizing system.

FEATURES
1. Resolution : 20bits
2. Recording Functions
    • 2-Stereo Inputs Selector
    • Analog Input PGA
    • Monaural Mixing
    • Digital HPF for DC-offset cancellation (fc=3.4Hz@fs=44.1kHz)
3. ADC Characteristics
    • Input Level : 1.5Vpp@VA=2.5V (= 0.6 x VA)
    • S/(N+D) : 84dB
    • DR, S/N : 89dB
4. 3-wire Serial Control I/F
5. Master Clock : 256fs/384fs
6. Audio Data Format : MSB First, 2’s compliment
    • 20bit MSB justified or I2S
8. Power Supply
    • VA : 2.1 ∼ 3.3V (typ. 2.5V)
    • VD : 1.8 ∼ 3.3V (typ. 2.5V)
9. Power Supply Current
    • IPGA + ADC : 7mA
10. Ta = -40 ∼ 85°C
11. Package : 16pin TSSOP




Similar Part No. - AK5354

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
LOW POWER 20 BIT ADC WITH PGA
AK5354VT AKM-AK5354VT Datasheet
109Kb / 19P
LOW POWER 20 BIT ADC WITH PGA
AK5354VT AKM-AK5354VT Datasheet
155Kb / 19P
Low Power 20bit ?誇 ADC with PGA
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
Low Power 20bit ?誇 ADC with PGA
More results


Similar Description - AK5354

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
EVALUATION BOARD REV.A FOR AK4309B
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
EVALUATION BOARD REV.A FOR AK4353
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
EVALUATION BOARD REV.A FOR AK4363
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
EVALUATION BOARD REV.A FOR AK4380
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
EVALUATION BOARD REV.A FOR AK4523
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
EVALUATION BOARD REV.A FOR AK4524
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
EVALUATION BOARD REV.A FOR AK5393
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
Evaluation board Rev.A for AK5365
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com