Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5352 Datasheet (PDF) - Asahi Kasei Microsystems

AK5352 Datasheet PDF - Asahi Kasei Microsystems
Part # AK5352
Download  AK5352 Download
File Size   2262.48 Kbytes
Page   27 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.B FOR AK5352

AK5352 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK5352 Datasheet PDF - Asahi Kasei Microsystems

Part # AK5352
Download  AK5352 Click to download

File Size   2262.48 Kbytes
Page   27 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.B FOR AK5352

AK5352 Datasheet (HTML) - Asahi Kasei Microsystems


AK5352 Product details

GENERAL DESCRIPTION
The AK5352 is a 20-bit, 96kHz sampling rate for DAT and DVD, 64x oversampling rate(64fs), 2-channel A/D converter for stereo digital systems. The ∆Σ modulator in the AK5352 uses the new developed Enhanced Dual bit architecture. This new architecture achieves the wider dynamic range, while keeping much the same superior distortion characteristics as the conventional Single bit way.
The AK5352 is available in a small 24pin VSOP package which will reduce your system space.

FEATURES
□ Sampling Rate up to 96kHz
□ Full-differential inputs
□ S/(N+D): 97dB
□ DR, S/N: 104dB
□ Linear phase digital filter
    • Pass band: 0 ∼ 22kHz(@fs=48kHz)
    • Pass band ripple: ±0.005dB
    • Stop band attenuation: 80dB
□ Digital HPF for DC-offset cancel
□ Master clock: 256fs/384fs
□ Power supply: 5V±5%
□ Small package: 24pinVSOP




Similar Part No. - AK5352

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
96kHz Sampling 20bit ADC
AK5352-VF AKM-AK5352-VF Datasheet
174Kb / 19P
96kHz Sampling 20bit ADC
AK5352VF AKM-AK5352VF Datasheet
177Kb / 19P
96kHz Sampling DS 20bit ADC
More results


Similar Description - AK5352

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4356 AKM-AKD4356 Datasheet
297Kb / 27P
EVALUATION BOARD REV.B FOR AK4356
AKD4520A AKM-AKD4520A Datasheet
2Mb / 36P
EVALUATION BOARD REV.B FOR AK4520A
AKD5351 AKM-AKD5351 Datasheet
1Mb / 21P
EVALUATION BOARD REV.B FOR AK5351
AKD5353 AKM-AKD5353 Datasheet
214Kb / 17P
EVALUATION BOARD REV.B FOR AK5353
AKD5392 AKM-AKD5392 Datasheet
1Mb / 18P
EVALUATION BOARD REV.B FOR AK5392
AKD4366 AKM-AKD4366 Datasheet
231Kb / 23P
Evaluation board Rev.B for AK4366
AKD4367 AKM-AKD4367 Datasheet
291Kb / 24P
Evaluation board Rev.B for AK4367
AKD4537 AKM-AKD4537 Datasheet
290Kb / 32P
Evaluation board Rev.B for AK4537
AKD4626 AKM-AKD4626 Datasheet
436Kb / 39P
Evaluation board Rev.B for AK4626
AKD5383VF AKM-AKD5383VF Datasheet
404Kb / 22P
Evaluation board Rev.B for AK5383VF
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com