Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABS1414519 Datasheet (PDF) - Panasonic Semiconductor

ABS1414519 Datasheet PDF - Panasonic Semiconductor
Part # ABS1414519
Download  ABS1414519 Download

File Size   277.9 Kbytes
Page   11 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description HIGH ENVIRONMENTAL RESISTANCE

ABS1414519 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABS1414519 Datasheet PDF - Panasonic Semiconductor

Part # ABS1414519
Download  ABS1414519 Click to download

File Size   277.9 Kbytes
Page   11 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description HIGH ENVIRONMENTAL RESISTANCE

ABS1414519 Datasheet (HTML) - Panasonic Semiconductor

Back Button ABS1414519 Datasheet HTML 1Page - Panasonic Semiconductor ABS1414519 Datasheet HTML 2Page - Panasonic Semiconductor ABS1414519 Datasheet HTML 3Page - Panasonic Semiconductor ABS1414519 Datasheet HTML 4Page - Panasonic Semiconductor ABS1414519 Datasheet HTML 5Page - Panasonic Semiconductor ABS1414519 Datasheet HTML 6Page - Panasonic Semiconductor ABS1414519 Datasheet HTML 7Page - Panasonic Semiconductor ABS1414519 Datasheet HTML 8Page - Panasonic Semiconductor ABS1414519 Datasheet HTML 9Page - Panasonic Semiconductor ABS1414519 Datasheet HTML 10Page - Panasonic Semiconductor Next Button 

ABS1414519 Product details

FEATURES
• Subminiature size (19.8×11.1×6.4 mm)
• Sealed construction for use in adverse environment-Sealed construction by
   epoxy resin and rubber cap greatly reduces possible miscontact due to
   contaminants such as dust. Conforming to IP67* of IEC protective construction
   classification
• Elastomer double molding technology, an industry first and ultrasonic swaging
   technology contribute to uniform sealing in high production quantities
• Expansion of low-level circuit type
• We offer a Au clad 2-ply contact type (for small loads) that we developed
   specifically for small current and voltage loads in the range of 1 mA to 100 mA and 5 V to 30 V.
• UL/CSA/VDE/SEMKO approved
   (AS for Au-clad twin layer, VDE and SEMKO are not approved.)
   * Based on the protective construction classification of IEC, items which satisfy the test requirements are denoted with an IP designation.

TYPICAL APPLICATIONS
• Automotive
• Home appliances (vacuum cleaner, air purifier)
• Others (gas cooking range)



Similar Part No. - ABS1414519

ManufacturerPart #DatasheetDescription
HY ELECTRONIC CORP.
HY ELECTRONIC CORP.
ABS14 HY-ABS14 Datasheet
378Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
Shanghai Leiditech Electronic Technology Co., Ltd
Shanghai Leiditech Elec...
ABS14 LEIDITECH-ABS14 Datasheet
955Kb / 3P
   Glass passivated bridge rectifier
Changzhou Shunye Electronics Co.,Ltd.
Changzhou Shunye Electr...
ABS14S SY-ABS14S Datasheet
347Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - ABS1414519

ManufacturerPart #DatasheetDescription
Glenair, Inc.
Glenair, Inc.
940-016 GLENAIR-940-016 Datasheet
77Kb / 2P
   High-Pressure Environmental
227-015 GLENAIR-227-015 Datasheet
168Kb / 1P
   High-Pressure Environmental Plug
TXC Corporation.
TXC Corporation.
AH-SERIES TXC-AH-SERIES Datasheet
954Kb / 1P
   High reliable environmental performance.
Glenair, Inc.
Glenair, Inc.
220-00 GLENAIR-220-00 Datasheet
119Kb / 2P
   High-Pressure Environmental/Hermetic
220-01 GLENAIR-220-01 Datasheet
110Kb / 2P
   High-Pressure Environmental/Hermetic
220-02 GLENAIR-220-02 Datasheet
136Kb / 2P
   High-Pressure Environmental/Hermetic
Delta Electronics, Inc.
Delta Electronics, Inc.
CMK08B02TH DELTA-CMK08B02TH Datasheet
54Kb / 1P
   Low cost, Low resistance, Excellent electrical isolation and environmental stability
Glenair, Inc.
Glenair, Inc.
220-06 GLENAIR-220-06 Datasheet
174Kb / 2P
   High-Pressure Environmental Cable Plug
227-158 GLENAIR-227-158 Datasheet
95Kb / 2P
   High-Pressure Environmental Cable Plug
Extech Instruments Corporation.
Extech Instruments Corp...
EN300 EXTECH-EN300 Datasheet
146Kb / 1P
   Environmental Meter
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com