Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK9813A Datasheet (PDF) - Asahi Kasei Microsystems

AK9813A Datasheet PDF - Asahi Kasei Microsystems
Part # AK9813A
Download  AK9813A Download

File Size   232.57 Kbytes
Page   24 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 12ch 8bit D/A Converter with EEPROM

AK9813A Datasheet (PDF)

Go To PDF Page Download Datasheet
AK9813A Datasheet PDF - Asahi Kasei Microsystems

Part # AK9813A
Download  AK9813A Click to download

File Size   232.57 Kbytes
Page   24 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 12ch 8bit D/A Converter with EEPROM

AK9813A Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK9813A Datasheet HTML 1Page - Asahi Kasei Microsystems AK9813A Datasheet HTML 2Page - Asahi Kasei Microsystems AK9813A Datasheet HTML 3Page - Asahi Kasei Microsystems AK9813A Datasheet HTML 4Page - Asahi Kasei Microsystems AK9813A Datasheet HTML 5Page - Asahi Kasei Microsystems AK9813A Datasheet HTML 6Page - Asahi Kasei Microsystems AK9813A Datasheet HTML 7Page - Asahi Kasei Microsystems AK9813A Datasheet HTML 8Page - Asahi Kasei Microsystems AK9813A Datasheet HTML 9Page - Asahi Kasei Microsystems AK9813A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK9813A Product details

General Description
The AK9813A includes 12 channel, 8bit D/A converters with on-chip output buffer amps and it is capable to store the input digital data of each DAC by on-chip non-volatile CMOS EEPROM. The AK9813A is optimally designed for various circuit adjustments for consumer and industrial equipments and it is ideally suited for replacing mechanical trimmers.

Features
□ EEPROM SECTION
    • 12 words Õ 8bit Õ 4 organization for DAC
□ D/A converter section
    • 12 channels
    • Resolution : 8bit
    • DNL : -1a+2 LSB
    • INL : ‘1.5 LSB
    • Analog Output Voltage Range : GND a VCC
□ Operating Voltage Range
    • Digital section : 2.7Va5.5V
    • Analog section : 5.0V‘0.5V,3.3V‘0.3V
□ 24pin VSOP




Similar Part No. - AK9813A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813BF AKM-AK9813BF Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
logo
List of Unclassifed Man...
AK9813BF ETC1-AK9813BF Datasheet
41Kb / 2P
   24pin VSOP
More results


Similar Description - AK9813A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
logo
Rohm
BH2221FV ROHM-BH2221FV Datasheet
80Kb / 6P
   8bit 12ch D/A converter
logo
Mitsubishi Electric Sem...
M62352AGP MITSUBISHI-M62352AGP Datasheet
760Kb / 6P
   8BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AK9844 AKM-AK9844 Datasheet
156Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
AK9844A AKM-AK9844A Datasheet
132Kb / 17P
   4Kbit EEPROM with 4ch 8bit D/A Converter
logo
Rohm
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
logo
Asahi Kasei Microsystem...
AK9822 AKM-AK9822 Datasheet
171Kb / 17P
   2K / 4Kbit EEPROM with 2ch 8bit D/A Converter
logo
Mitsubishi Electric Sem...
M62398P MITSUBISHI-M62398P Datasheet
80Kb / 7P
   8BIT 12CH I2C BUS D.A CONVERTER WITH BUFFER AMPLIFIERS
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com