Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5354 Datasheet (PDF) - Asahi Kasei Microsystems

AK5354 Datasheet PDF - Asahi Kasei Microsystems
Part # AK5354
Download  AK5354 Download
File Size   109.58 Kbytes
Page   19 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description LOW POWER 20 BIT ADC WITH PGA

AK5354 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK5354 Datasheet PDF - Asahi Kasei Microsystems

Part # AK5354
Download  AK5354 Click to download

File Size   109.58 Kbytes
Page   19 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description LOW POWER 20 BIT ADC WITH PGA

AK5354 Datasheet (HTML) - Asahi Kasei Microsystems


AK5354 Product details

FEATURES
The AK5354 is a low voltage 20bit A/D converter for digital audio system. The AK5354 also includes Analog input PGA, therefore is suitable for microphone application and etc. As digital power supply of the AK5354 corresponds to 1.8V, the interface with microprocessor can operate at low voltage. Analog signal input of the AK5354 is single-ended, therefore, any external filters are not required. As the package is 16pin TSSOP, the AK5354 is a suitable for minimizing system.

FEATURES
1. Resolution : 20bits
2. Recording Functions
    • 2-Stereo Inputs Selector
    • Analog Input PGA
    • Monaural Mixing
    • Digital HPF for DC-offset cancellation (fc=3.4Hz@fs=44.1kHz)
3. ADC Characteristics
    • Input Level : 1.5Vpp@VA=2.5V (= 0.6 x VA)
    • S/(N+D) : 84dB
    • DR, S/N : 89dB
4. 3-wire Serial Control I/F
5. Master Clock : 256fs/384fs
6. Audio Data Format : MSB First, 2’s compliment
    • 20bit MSB justified or I2S
8. Power Supply
    • VA : 2.1 ∼ 3.3V (typ. 2.5V)
    • VD : 1.8 ∼ 3.3V (typ. 2.5V)
9. Power Supply Current
    • IPGA + ADC : 7mA
10. Ta = -40 ∼ 85°C
11. Package : 16pin TSSOP




Similar Part No. - AK5354

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354 Datasheet
126Kb / 18P
EVALUATION BOARD REV.A FOR AK5354
AK5354VT AKM-AK5354VT Datasheet
155Kb / 19P
Low Power 20bit ?誇 ADC with PGA
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
Low Power 20bit ?誇 ADC with PGA
More results


Similar Description - AK5354

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5356 AKM-AK5356 Datasheet
156Kb / 22P
LOW POWER 20BIT ADC WITH MIC AMP & PGA
logo
Analog Devices
AD1555 AD-AD1555 Datasheet
429Kb / 24P
24-Bit ADC WITH LOW NOISE PGA
REV. B
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
Low Power 20bit ?誇 ADC with PGA
logo
Analog Devices
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
logo
Asahi Kasei Microsystem...
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
Low Power 20bit ADC with PGA
logo
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com