Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5352 Datasheet (PDF) - Asahi Kasei Microsystems

AK5352 Datasheet PDF - Asahi Kasei Microsystems
Part # AK5352
Download  AK5352 Download
File Size   174.37 Kbytes
Page   19 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 96kHz Sampling 20bit ADC

AK5352 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK5352 Datasheet PDF - Asahi Kasei Microsystems

Part # AK5352
Download  AK5352 Click to download

File Size   174.37 Kbytes
Page   19 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 96kHz Sampling 20bit ADC

AK5352 Datasheet (HTML) - Asahi Kasei Microsystems


AK5352 Product details

GENERAL DESCRIPTION
The AK5352 is a 20-bit, 96kHz sampling rate for DAT and DVD, 64x oversampling rate(64fs), 2-channel A/D converter for stereo digital systems. The ∆Σ modulator in the AK5352 uses the new developed Enhanced Dual bit architecture. This new architecture achieves the wider dynamic range, while keeping much the same superior distortion characteristics as the conventional Single bit way.
The AK5352 is available in a small 24pin VSOP package which will reduce your system space.

FEATURES
□ Sampling Rate up to 96kHz
□ Full-differential inputs
□ S/(N+D): 97dB
□ DR, S/N: 104dB
□ Linear phase digital filter
    • Pass band: 0 ∼ 22kHz(@fs=48kHz)
    • Pass band ripple: ±0.005dB
    • Stop band attenuation: 80dB
□ Digital HPF for DC-offset cancel
□ Master clock: 256fs/384fs
□ Power supply: 5V±5%
□ Small package: 24pinVSOP




Similar Part No. - AK5352

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5352 AKM-AK5352 Datasheet
2Mb / 27P
EVALUATION BOARD REV.B FOR AK5352
AK5352VF AKM-AK5352VF Datasheet
177Kb / 19P
96kHz Sampling DS 20bit ADC
More results


Similar Description - AK5352

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
100dB 20Bit Stereo ADC & DAC
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
20BIT STEREO ADC & DAC
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
Enhanced Dual bit 20bit ADC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
24Bit 96kHz ?誇 ADC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
20Bit Stereo ?誇 ADC & DAC
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
96kHz Sampling 24Bit DS DAC
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
96kHz Sampling 24Bit
AK5352VF AKM-AK5352VF Datasheet
177Kb / 19P
96kHz Sampling DS 20bit ADC
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
96kHz 24-Bit ADC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com