Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5351 Datasheet (PDF) - Asahi Kasei Microsystems

AK5351 Datasheet PDF - Asahi Kasei Microsystems
Part # AK5351
Download  AK5351 Download
File Size   174.0 Kbytes
Page   19 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Enhanced Dual bit 20bit ADC

AK5351 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK5351 Datasheet PDF - Asahi Kasei Microsystems

Part # AK5351
Download  AK5351 Click to download

File Size   174.0 Kbytes
Page   19 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Enhanced Dual bit 20bit ADC

AK5351 Datasheet (HTML) - Asahi Kasei Microsystems


AK5351 Product details

GENERAL DESCRIPTION

The AK5351 is a 20-bit, 64x oversampling rate(64fs), 2-channel A/D converter for stereo digital systems. The ∆Σ modulator in the AK5351 uses the new developed Enhanced Dual bit architecture. This new architecture achieves the wider dynamic range, while keeping much the same superior distortion characteristics as the conventional Single bit way. The AK5351 is suitable for digital surround and Hi-Fi audio application such as Car-audio, MD, etc. Analog inputs of the AK5351 are normally Full-differential inputs, while they are also acceptable Single-ended inputs.

The AK5351 is available in a small 24pin VSOP package which will reduce your system space.



FEATURES

□ Full-differential / Single-ended inputs

□ S/(N+D): 97dB

□ DR, S/N: 103dB

□ Linear phase digital filter

   Pass band: 0~22kHz(@fs=48kHz)

   Pass band ripple: ±0.005dB

   Stop band attenuation: 80dB

□ Digital HPF for DC-offset cancel

□ Master clock: 256fs/384fs

□ Power supply: 5V±10%

□ Small package: 24pinVSOP



 




Similar Part No. - AK5351

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5351 AKM-AK5351 Datasheet
1Mb / 21P
EVALUATION BOARD REV.B FOR AK5351
More results


Similar Description - AK5351

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
20BIT STEREO ADC & DAC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
96kHz Sampling 20bit ADC
AK5383 AKM-AK5383 Datasheet
123Kb / 20P
Enhanced Dual bit 96 kHz 24-bit ADC
AK5392 AKM-AK5392 Datasheet
171Kb / 19P
Enhanced Dual Bit 24Bit ADC
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
Enhanced Dual bit 96 kHz 24-bit ADC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
20Bit Stereo ?誇 ADC & DAC
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
12-bit ADC Enhanced
PMC234 PADAUK-PMC234 Datasheet
1Mb / 107P
12-bit ADC Enhanced
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com