Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP131GB Datasheet (PDF) - Toshiba Semiconductor

TLP131GB Datasheet PDF - Toshiba Semiconductor
Part No. TLP131GB
Download  TLP131GB Click to view

File Size   175.74 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Office Machine Programmable Controllers

TLP131GB Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP131GB Datasheet PDF - Toshiba Semiconductor

Part No. TLP131GB
Download  TLP131GB Click to view

File Size   175.74 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Office Machine Programmable Controllers

TLP131GB Datasheet (HTML) - Toshiba Semiconductor

TLP131GB Datasheet HTML 1Page - Toshiba Semiconductor TLP131GB Datasheet HTML 2Page - Toshiba Semiconductor TLP131GB Datasheet HTML 3Page - Toshiba Semiconductor TLP131GB Datasheet HTML 4Page - Toshiba Semiconductor TLP131GB Datasheet HTML 5Page - Toshiba Semiconductor TLP131GB Datasheet HTML 6Page - Toshiba Semiconductor TLP131GB Datasheet HTML 7Page - Toshiba Semiconductor TLP131GB Datasheet HTML 8Page - Toshiba Semiconductor TLP131GB Datasheet HTML 9Page - Toshiba Semiconductor

TLP131GB Product details

Office Machine
Programmable Controllers
AC / DC−Input Module
Telecommunication

The TOSHIBA mini flat coupler TLP131 is a small outline coupler, suitable for surface mount assembly.
TLP131 consists of a photo transistor, optically coupled to a gallium arsenide infrared emitting diode.

• Collector−emitter voltage: 80V (min.)
• Current transfer ratio: 50% (min.) Rank GB: 100% (min.)
• Isolation voltage: 3750Vrms (min.)
• UL recognized: UL1577, file No. E67349
    TLP131 base terminal is for the improvement of speed, reduction of dark current, and enable operation.



Similar Part No. - TLP131GB

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP131 TOSHIBA-TLP131 Datasheet
199Kb / 9P
   Photo−Transistor Office Machine
TLP131 TOSHIBA-TLP131_07 Datasheet
199Kb / 9P
   Photo−Transistor Office Machine
More results

Similar Description - TLP131GB

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
   Office Machine Programmable Controllers Office Machine Telecommunication
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP137 TOSHIBA-TLP137 Datasheet
221Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP181F TOSHIBA-TLP181F Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP185GB-TPLEO TOSHIBA-TLP185GB-TPLEO Datasheet
239Kb / 11P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz