Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP50 Datasheet (PDF) - Fairchild Semiconductor

TIP50 Datasheet PDF - Fairchild Semiconductor
Part # TIP50
Download  TIP50 Download

File Size   37.21 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Voltage and Switching Applications

TIP50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP50 Datasheet PDF - Fairchild Semiconductor

Part # TIP50
Download  TIP50 Click to download

File Size   37.21 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Voltage and Switching Applications

TIP50 Datasheet (HTML) - Fairchild Semiconductor

TIP50 Datasheet HTML 1Page - Fairchild Semiconductor TIP50 Datasheet HTML 2Page - Fairchild Semiconductor TIP50 Datasheet HTML 3Page - Fairchild Semiconductor TIP50 Datasheet HTML 4Page - Fairchild Semiconductor

TIP50 Product details

NPN Silicon Transistor

• High Voltage and Switching Applications
• High Sustaining Voltage : VCEO(sus) = 250 - 400V
• 1A Rated Collector Current




Similar Part No. - TIP50

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP50 MOSPEC-TIP50 Datasheet
130Kb / 3P
   POWER TRANSISTORS(1.0A,250-400V,40W)
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
logo
Fairchild Semiconductor
TIP50 FAIRCHILD-TIP50 Datasheet
486Kb / 5P
   High Voltage and Switching Applications
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
More results


Similar Description - TIP50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIP50TU FAIRCHILD-TIP50TU Datasheet
486Kb / 5P
   High Voltage and Switching Applications
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562 Datasheet
131Kb / 3P
   SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
2SC5684 TOSHIBA-2SC5684 Datasheet
129Kb / 3P
   SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
2SC5465 TOSHIBA-2SC5465 Datasheet
168Kb / 4P
   SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
TBF871 TOSHIBA-TBF871 Datasheet
121Kb / 4P
   HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATIONS
2SC5173 TOSHIBA-2SC5173_04 Datasheet
143Kb / 4P
   High-Voltage Switching and Amplifier Applications
2SC5173 TOSHIBA-2SC5173 Datasheet
232Kb / 4P
   HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATIONS
2SD685 TOSHIBA-2SD685 Datasheet
228Kb / 3P
   IGNITER APPLICATIONS. HIGH VOLTAGE AND HIGH POWER SWITCHING APPLICATIONS.
2SC6040 TOSHIBA-2SC6040 Datasheet
189Kb / 5P
   High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com