Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T520T566M2R5AE040 Datasheet (PDF) - Kemet Corporation

T520T566M2R5AE040 Datasheet PDF - Kemet Corporation
Part # T520T566M2R5AE040
Download  T520T566M2R5AE040 Download

File Size   1360.68 Kbytes
Page   25 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum

T520T566M2R5AE040 Datasheet (PDF)

Go To PDF Page Download Datasheet
T520T566M2R5AE040 Datasheet PDF - Kemet Corporation

Part # T520T566M2R5AE040
Download  T520T566M2R5AE040 Click to download

File Size   1360.68 Kbytes
Page   25 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum

T520T566M2R5AE040 Datasheet (HTML) - Kemet Corporation

Back Button T520T566M2R5AE040 Datasheet HTML 1Page - Kemet Corporation T520T566M2R5AE040 Datasheet HTML 2Page - Kemet Corporation T520T566M2R5AE040 Datasheet HTML 3Page - Kemet Corporation T520T566M2R5AE040 Datasheet HTML 4Page - Kemet Corporation T520T566M2R5AE040 Datasheet HTML 5Page - Kemet Corporation T520T566M2R5AE040 Datasheet HTML 6Page - Kemet Corporation T520T566M2R5AE040 Datasheet HTML 7Page - Kemet Corporation T520T566M2R5AE040 Datasheet HTML 8Page - Kemet Corporation T520T566M2R5AE040 Datasheet HTML 9Page - Kemet Corporation T520T566M2R5AE040 Datasheet HTML 10Page - Kemet Corporation Next Button 

T520T566M2R5AE040 Product details

FEATURES
• Polymer Cathode Technology
• Low ESR
• High Frequency Cap Retention
• No-Ignition Failure Mode
• Use Up to 90% of Rated Voltage (10% Derating) for part types ≤ 10 Volts
• Halogen Free Epoxy
• 100% Accelerated Steady State Aging
• Volumetrically Efficient
• Use Up to 80% of Rated Voltage (20% Derating) for part types > 10 Volts
• Capacitance 15 to 1000μF (±20%)
• Voltage 2V to 25V
• EIA Standard Case Sizes
• 100% Surge Current Tested
• Operating Temperature -55ºC to +105ºC
• Self Healing Mechanism
• RoHS Compiant & Leadfree Terminations (see www.kemet.com for lead transition)




Similar Part No. - T520T566M2R5AE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520T566M2R5AE040 KEMET-T520T566M2R5AE040 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results


Similar Description - T520T566M2R5AE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T530X687M006ATE018 KEMET-T530X687M006ATE018 Datasheet
1Mb / 17P
   KEMET Organic Capacitor (KO-CAP) T530 High Capacitance/125째C Rated Polymer Tantalum
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com