Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA02S4803A Datasheet (PDF) - Delta Electronics, Inc.

DA02S4803A Datasheet PDF - Delta Electronics, Inc.
Part # DA02S4803A
Download  DA02S4803A Download

File Size   232.83 Kbytes
Page   4 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 1W DC/DC CONVERTER, DIP-Package, High Isolation

DA02S4803A Datasheet (PDF)

Go To PDF Page Download Datasheet
DA02S4803A Datasheet PDF - Delta Electronics, Inc.

Part # DA02S4803A
Download  DA02S4803A Click to download

File Size   232.83 Kbytes
Page   4 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 1W DC/DC CONVERTER, DIP-Package, High Isolation

DA02S4803A Datasheet (HTML) - Delta Electronics, Inc.

DA02S4803A Datasheet HTML 1Page - Delta Electronics, Inc. DA02S4803A Datasheet HTML 2Page - Delta Electronics, Inc. DA02S4803A Datasheet HTML 3Page - Delta Electronics, Inc. DA02S4803A Datasheet HTML 4Page - Delta Electronics, Inc.

DA02S4803A Product details

The DA01S series are miniature, DIP Package, isolated 1W DC/DC converters with 3,000VDC isolation. It allows a wide operating temperature range of –40°C to +75°C. These isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions.


FEATURES
♦ Efficiency up to 79%
♦ DIP Package with Industry Standard Pinout
♦ High Isolation Voltage 3000VDC
♦ Temperature Performance -40℃ to +75℃
♦ > 2MHours MTBF
♦ Internal SMD platform
♦ Lead free, RoHs Compliant
♦ 12 Standard Models
♦ 3 Years Product Warranty




Similar Part No. - DA02S4803A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA02S4803A DELTA-DA02S4803A Datasheet
234Kb / 4P
   1W DC/DC CONVERTER, SMD-Package, High Isolation
DA02S4803A DELTA-DA02S4803A Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
DA02S4803A DELTA-DA02S4803A Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
More results


Similar Description - DA02S4803A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_15 Datasheet
287Kb / 5P
   DC/DC CONVERTER 1W, High Isolation,SMD-Package
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PD01S DELTA-PD01S Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
SB01S DELTA-SB01S Datasheet
234Kb / 4P
   1W DC/DC CONVERTER, SMD-Package, High Isolation
PF01S DELTA-PF01S Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com