Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N137 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

6N137 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # 6N137
Download  6N137 Download

File Size   469.73 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR Line Receiver Optocouplers

6N137 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N137 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # 6N137
Download  6N137 Click to download

File Size   469.73 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR Line Receiver Optocouplers

6N137 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button 6N137 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N137 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

6N137 Product details

Description
The HCPL-2602/12 are optically coupled line receivers that combine a GaAsP light emitting diode, an input current regulator and an integrated high gain photo detector. The input regulator serves as a line termination for line receiver applications. It clamps the line voltage and regulates the LED current so line reflections do not interfere with circuit performance.

Features
• 1000 V/µs minimum Common Mode Rejection (CMR) at
    VCM = 50 V for HCPL-2602 and 3.5 kV/µs minimum
    CMR at VCM = 300 V for HCPL-2612
• Line termination included – no extra circuitry required
• Accepts a broad range of drive conditions
• LED protection minimizes LED efficiency degradation
• High speed: 10 MBd (limited by transmission line in many applications)
• Guaranteed AC and DC performance over temperature: 0°C to 70°C
• External base lead allows “LED peaking” and LED current adjustment
• Safety approval
    UL recognized – 3750 V rms for 1 Minute
    CSA approved
• MIL-PRF-38534 hermetic version available (HCPL-1930/1)

Applications
• Isolated line receiver
• Computer-peripheral interface
• Microprocessor system interface
• Digital isolation for A/D, D/A conversion
• Current sensing
• Instrument input/output isolation
• Ground loop elimination
• Pulse transformer replacement
• Power transistor isolation in motor drives




Similar Part No. - 6N137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
6N137 TOSHIBA-6N137 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
More results


Similar Description - 6N137

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2602 HP-HCPL-2602 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com