Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFR9230B Datasheet (PDF) - Fairchild Semiconductor

SFR9230B Datasheet PDF - Fairchild Semiconductor
Part No. SFR9230B
Download  SFR9230B Click to view

File Size   628.91 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V P-Channel MOSFET

SFR9230B Datasheet (PDF)

Go To PDF Page Download Datasheet
SFR9230B Datasheet PDF - Fairchild Semiconductor

Part No. SFR9230B
Download  SFR9230B Click to view

File Size   628.91 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V P-Channel MOSFET

SFR9230B Datasheet (HTML) - Fairchild Semiconductor

SFR9230B Datasheet HTML 1Page - Fairchild Semiconductor SFR9230B Datasheet HTML 2Page - Fairchild Semiconductor SFR9230B Datasheet HTML 3Page - Fairchild Semiconductor SFR9230B Datasheet HTML 4Page - Fairchild Semiconductor SFR9230B Datasheet HTML 5Page - Fairchild Semiconductor SFR9230B Datasheet HTML 6Page - Fairchild Semiconductor SFR9230B Datasheet HTML 7Page - Fairchild Semiconductor SFR9230B Datasheet HTML 8Page - Fairchild Semiconductor SFR9230B Datasheet HTML 9Page - Fairchild Semiconductor

SFR9230B Product details

General Description

These P-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar, DMOS technology.

This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switching DC/DC converters.



Features

• -5.4A, -200V, RDS(on) = 0.8Ω @VGS = -10 V

• Low gate charge ( typical 33 nC)

• Low Crss ( typical 45 pF)

• Fast switching

• 100% avalanche tested

• Improved dv/dt capability



 



Similar Part No. - SFR9230B

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
SFR9210 FAIRCHILD-SFR9210 Datasheet
257Kb / 7P
   Advanced Power MOSFET
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
SFR9210 ISC-SFR9210 Datasheet
321Kb / 2P
   isc P-Channel MOSFET Transistor
Fairchild Semiconductor
Fairchild Semiconductor
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SFR9220 FAIRCHILD-SFR9220 Datasheet
259Kb / 7P
   Advanced Power MOSFET
More results

Similar Description - SFR9230B

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FQAF12P20 FAIRCHILD-FQAF12P20 Datasheet
615Kb / 8P
   200V P-Channel MOSFET
FQB3P20 FAIRCHILD-FQB3P20 Datasheet
560Kb / 9P
   200V P-Channel MOSFET
Unisonic Technologies
Unisonic Technologies
7P20 UTC-7P20_11 Datasheet
213Kb / 5P
   200V P-CHANNEL MOSFET
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
KSMD5P20 KERSEMI-KSMD5P20 Datasheet
1Mb / 8P
   200V P-Channel MOSFET
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
KQB12P20 KEXIN-KQB12P20 Datasheet
63Kb / 2P
   200V P-Channel MOSFET
Unisonic Technologies
Unisonic Technologies
7P20 UTC-7P20 Datasheet
213Kb / 6P
   200V P-CHANNEL MOSFET
Fairchild Semiconductor
Fairchild Semiconductor
FQA12P20 FAIRCHILD-FQA12P20 Datasheet
628Kb / 8P
   200V P-Channel MOSFET
FQP3P20 FAIRCHILD-FQP3P20 Datasheet
549Kb / 8P
   200V P-Channel MOSFET
FQP5P20 FAIRCHILD-FQP5P20 Datasheet
624Kb / 8P
   200V P-Channel MOSFET
FQPF5P20 FAIRCHILD-FQPF5P20 Datasheet
610Kb / 8P
   200V P-Channel MOSFET
FQB7P20TM FAIRCHILD-FQB7P20TM Datasheet
936Kb / 7P
   200v P-Channel MOSFET
More results

About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s. The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology. Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products. The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.


Datasheet Page

1  2  3  4  5  6  7  8  9 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz