Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV4145 Datasheet (PDF) - Fairchild Semiconductor

RV4145 Datasheet PDF - Fairchild Semiconductor
Part # RV4145
Download  RV4145 Download

File Size   367.36 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power Ground Fault Interrupter

RV4145 Datasheet (PDF)

Go To PDF Page Download Datasheet
RV4145 Datasheet PDF - Fairchild Semiconductor

Part # RV4145
Download  RV4145 Click to download

File Size   367.36 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power Ground Fault Interrupter

RV4145 Datasheet (HTML) - Fairchild Semiconductor

Back Button RV4145 Datasheet HTML 1Page - Fairchild Semiconductor RV4145 Datasheet HTML 2Page - Fairchild Semiconductor RV4145 Datasheet HTML 3Page - Fairchild Semiconductor RV4145 Datasheet HTML 4Page - Fairchild Semiconductor RV4145 Datasheet HTML 5Page - Fairchild Semiconductor RV4145 Datasheet HTML 6Page - Fairchild Semiconductor RV4145 Datasheet HTML 7Page - Fairchild Semiconductor RV4145 Datasheet HTML 8Page - Fairchild Semiconductor RV4145 Datasheet HTML 9Page - Fairchild Semiconductor RV4145 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

RV4145 Product details

Description

The RV4145A is a low power controller for AC outlet ground fault interrupters. These devices detect hazardous grounding conditions, such as equipment (connected to opposite phases of the AC line) in contact with a pool of water and open circuits the line before a harmful or lethal shock occurs.



Features

• No potentiomenter required

• Direct interface to SCR

• Supply voltage derived from AC line – 26V shunt

• Adjustable sensitivity

• Grounded neutral fault detection

• Meets U.L. 943 standards

• 450µA quiescent current

• Ideal for 120V or 220V systems




Similar Part No. - RV4145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4145A ONSEMI-RV4145A Datasheet
873Kb / 12P
   Low-Power Ground Fault Interrupter
April 2014 Rev. 1.0.6
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145AM FAIRCHILD-RV4145AM Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145AM ARTSCHIP-RV4145AM Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
More results


Similar Description - RV4145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A Datasheet
345Kb / 8P
   Low Power Ground Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Unisonic Technologies
GV4145A UTC-GV4145A_15 Datasheet
303Kb / 7P
   LOW POWER GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_05 Datasheet
67Kb / 7P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141A ONSEMI-RV4141A Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Integral Corp.
IL4145A INTEGRAL-IL4145A Datasheet
265Kb / 7P
   Low Power Ground Fault Interrupter
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com